Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21MSP5859 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21MSP5859
Description  DSP Microcomputers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21MSP5859 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21MSP5859 Datasheet HTML 4Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 5Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 6Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 7Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 8Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 9Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 10Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 11Page - Analog Devices ADSP-21MSP5859 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
REV. 0
–8–
ADSP-21msp58/59
wait-state configuration, host interface port, codec, and serial
port operations are located in this region of memory.
The remaining 12K of data memory is external. External data
memory is divided into three zones, each associated with its own
wait-state generator. By mapping peripherals into different
zones, you can accommodate peripherals with different wait-
state requirements. All zones default to seven wait states after
RESET
.
For compatibility with other ADSP-2100 Family processors, bit
definitions for DWAIT3 and DWAIT4 are shown in the Data
Memory Wait State Control register, but they are not used by
the ADSP-21msp58/59.
12K
EXTERNAL
MEMORY MAPPED
REGISTERS
AND RESERVED
0000
07FF
0800
3FFF
0000
37FF
3800
3FFF
DATA MEMORY
WAIT STATES
DWAIT0
(1K EXTERNAL)
DWAIT1
(1K EXTERNAL)
DWAIT2
(10K EXTERNAL)
NO WAIT STATES
03FF
0400
2FFF
3000
2K
INTERNAL
1K
RESERVED
2FFF
3000
3BFF
3C00
Figure 7. ADSP-21msp58/59 Data Memory Maps
Boot Memory Interface
The ADSP-21msp58/59 can load on-chip memory from exter-
nal boot memory space. The boot memory space consists of
64K by 8-bit space, divided into eight separate 8K by 8-bit
pages. Three bits in the System Control Register select which
page is loaded by the boot memory interface. Another bit in the
System Control Register allows the user to force a boot loading
sequence under software control. Boot loading from Page 0 after
RESET
is initiated automatically if MMAP = 0.
The boot memory interface can generate zero to seven wait
states; it defaults to seven wait states after RESET. This allows
the ADSP-21msp58/59 to boot from a single low cost EPROM
such as a 27C256. Program memory is booted one byte at a
time and converted to 24-bit program memory words.
The BMS and RD signals are used to select and to strobe the
boot memory interface. Only 8-bit data is read over the data
bus, on pins D8–D15. To accommodate addressing up to eight
pages of boot memory, the two MSBs of the data bus are used
in the boot memory interface as the two MSBs of the boot
memory address.
The ADSP-2100 Family Assembler and Linker support the cre-
ation of programs and data structures requiring multiple boot
pages during execution.
RD
and WR must always be qualified by PMS, DMS, or BMS
to ensure the correct program, data, or boot memory accessing.
HIP Booting
The ADSP-21msp58/59 can also boot programs through the
Host Interface Port. If BMODE = 1 and MMAP = 0, the
ADSP-21msp58/59 boots from the HIP. If BMODE = 0, the
ADSP-21msp58/59 boots through the data bus (in the same
way as the ADSP-2101), as described above in “Boot Memory
Interface.” For additional information about HIP booting, refer
to the ADSP-2100 Family User’s Manual, Chapter 7, “Host In-
terface Port.”
The ADSP-2100 Family Development Software includes a
utility program called the HIP Splitter. This utility allows the
creation of programs that can be booted through the ADSP-
21msp58/59 HIP, in a similar fashion as EPROM-bootable
programs generated by the PROM Splitter utility.
Bus Request and Bus Grant
The ADSP-21msp58/59 can relinquish control of the data and
address buses to an external device. When the external device
requires access to memory, it asserts the bus request signal
(BR). If the ADSP-21msp58/59 is not performing an external
memory access, it responds to the active BR input in the follow-
ing processor cycle by
• three-stating the data and address buses and the PMS, DMS,
BMS
, RD, and WR output drivers,
• asserting the bus grant (BG) signal, and
• halting program execution.
If GoMode is enabled, the ADSP-21msp58/59 will not halt pro-
gram execution until it encounters an instruction that requires
an external memory access.
If the ADSP-21msp58/59 is performing an external memory ac-
cess when the external device asserts the BR signal, then it will
not three-state the memory interfaces or assert the BG signal
until the cycle after the access is completed, which can be up to
eight cycles later depending on the number of wait states. The
instruction does not need to be completed when the bus is
granted. If a single instruction requires two external memory
accesses, the bus will be granted between the two accesses.
When the BR signal is released, the processor releases the BG
signal, which reenables the output drivers, and continues pro-
gram execution from the point where it stopped.
The bus request feature operates at all times, including when
the processor is booting and when RESET is active.
LOW POWER OPERATION
The ADSP-21msp58/59 has three low power modes that signifi-
cantly reduce the power dissipation when the device operates
under standby conditions. These modes are:
• Powerdown
• Idle
• Slow Idle
The CLKOUT pin may also be disabled to reduce external
power dissipation. The CLKOUT pin is controlled by Bit 14 of
SPORT0 Autobuffer Control Register, DM[0x3FF3].
Powerdown
The ADSP-21msp58/59 has a low power feature that lets the
processors enter a very low power dormant state through hard-
ware or software control. Here is a brief list of powerdown fea-
tures. Refer to the ADSP-2100 Family User’s Manual, Chapter 9,


Similar Part No. - ADSP-21MSP5859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21MSP5X AD-ADSP-21MSP5X Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-21MSP5859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com