Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAA127 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LAA127
Description  Dual Single-Pole, Normally Open OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LAA127 Datasheet(HTML) 4 Page - IXYS Corporation

  LAA127_12 Datasheet HTML 1Page - IXYS Corporation LAA127_12 Datasheet HTML 2Page - IXYS Corporation LAA127_12 Datasheet HTML 3Page - IXYS Corporation LAA127_12 Datasheet HTML 4Page - IXYS Corporation LAA127_12 Datasheet HTML 5Page - IXYS Corporation LAA127_12 Datasheet HTML 6Page - IXYS Corporation LAA127_12 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R11
LAA127
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical Turn-On Time
vs. Temperature
(I
L=100mADC)
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Typical Turn-Off Time
vs. Temperature
(I
L=100mADC)
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.40
0.45
0.50
0.55
0.60
0.65
Typical I
F for Switch Operation
vs. Temperature
(I
F=5mA, IL=100mADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.35
0.40
0.45
0.50
0.55
0.60
0.65
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Typical Load Current vs. Load Voltage
(I
F=5mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
100
120
140
160
180
200
220
Maximum Load Current
vs. Temperature
One Pole
Two Poles
Temperature (ºC)
-40
-20
0
20
40
60
80
100
315
320
325
330
335
340
345
350
355
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.000
0.005
0.010
0.015
0.020
0.025
Typical Leakage vs.Temperature
(Measured Across Pins 5 & 6 or 7 & 8)
(V
L=250V)
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10 s 100 s 1ms 10ms 100ms
1s
10s
100s


Similar Part No. - LAA127_12

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127L IXYS-LAA127L Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127LS CLARE-LAA127LS Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LAA127LS IXYS-LAA127LS Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA127LSTR CLARE-LAA127LSTR Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
More results

Similar Description - LAA127_12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com