Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0491002.NAT1 Datasheet(PDF) 3 Page - Littelfuse

Part # 0491002.NAT1
Description  Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 491 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0491002.NAT1 Datasheet(HTML) 3 Page - Littelfuse

  0491002.NAT1 Datasheet HTML 1Page - Littelfuse 0491002.NAT1 Datasheet HTML 2Page - Littelfuse 0491002.NAT1 Datasheet HTML 3Page - Littelfuse 0491002.NAT1 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revised: March 11, 2009
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
491 Series
EC3051v1E-0902-CUST
Please refer to www.littelfuse.com for current information.
PICO® ll > Very Fast-Acting > 491 Series
Materials
Solderability
Lead Pull Force
Product Characteristics
Operating Temperature
Shock
Condition I (100 G’s peak for 6
Vibration
Moisture Resistance
Resistance to Soldering
Heat
O
C
and up to 260
Flammability Rating
Wire Diameter:
0.64 (.025")
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80 (.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
491 Series (RoHS and Halogen-free Version) Markings
(T1 lead length)
Wire Diameter:
0.64 (.025")
F
L
0.5
F
L
F
L
F
L
0.5
0.5
0.5
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80 (.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
491 Series (RoHS Version) Markings
(T1 lead length)
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity &
Packaging Code
EIA 296
0491 xxxx N R T1 HF
Series
Lead Length
The default lead length for Ammo pack and
Loose pack is now T1
T1 = 52.4mm (2.062”)
Type of Packaging
R = Reel
A = Ammo Pack
Quantity
N = 5000
M = 1000
Current Rating
Refer to Amp Code column of
Electrical Characteristics Table
Option Codes
Blank = RoHS
HF
= RoHS and Halogen-free


Similar Part No. - 0491002.NAT1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0491002.MAT1 LITTELFUSE-0491002.MAT1 Datasheet
692Kb / 1P
   491 SERIES PICO PROTECTOR RoHS ASSEMBLED IN PHILIPPINES
More results

Similar Description - 0491002.NAT1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0491003.HAT1 LITTELFUSE-0491003.HAT1 Datasheet
212Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 491 Series
0491003.NRT1 LITTELFUSE-0491003.NRT1 Datasheet
212Kb / 4P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 491 Series
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.062M LITTELFUSE-0253.062M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.125M LITTELFUSE-0253.125M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0263001.MXL LITTELFUSE-0263001.MXL Datasheet
185Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
0253.125V LITTELFUSE-0253.125V Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 251/253 Series
0473002.YAT1L LITTELFUSE-0473002.YAT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0473005.MRT1HF LITTELFUSE-0473005.MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
0472001.NAT1L LITTELFUSE-0472001.NAT1L Datasheet
446Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 472 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com