Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2183KST-160 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-2183KST-160
Description  DSP Microcomputer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2183KST-160 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-2183KST-160 Datasheet HTML 1Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 2Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 3Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 4Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 5Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 6Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 7Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 8Page - Analog Devices ADSP-2183KST-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADSP-2183
–4–
REV. C
• SPORTs support serial data word lengths from 3 to 16 bits
and provide optional A-law and
µ-law companding according
to CCITT recommendation G.711.
• SPORT receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORTs can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT0 has a multichannel interface to selectively receive
and transmit a 24 or 32 word, time-division multiplexed,
serial bitstream.
• SPORT1 can be configured to have two external interrupts
(
IRQ0 and IRQ1) and the Flag In and Flag Out signals. The
internally generated serial clock may still be used in this
configuration.
Pin Descriptions
The ADSP-2183 is available in a 128-lead LQFP package, and
Mini-BGA.
PIN FUNCTION DESCRIPTIONS
#
Pin
of
Input/
Name(s)
Pins
Output Function
Address
14
O
Address Output Pins for Program,
Data, Byte, & I/O Spaces
Data
24
I/O
Data I/O Pins for Program and
Data Memory Spaces (8 MSBs
Are Also Used as Byte Space
Addresses)
RESET
1
I
Processor Reset Input
IRQ2
1
I
Edge- or Level-Sensitive
Interrupt Request
IRQL0,
IRQL1
2
I
Level-Sensitive Interrupt
Requests
IRQE
1
I
Edge-Sensitive Interrupt
Request
BR
1
I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
PMS
1
O
Program Memory Select Output
DMS
1
O
Data Memory Select Output
BMS
1
O
Byte Memory Select Output
IOMS
1
O
I/O Space Memory Select Output
CMS
1
O
Combined Memory Select Output
RD
1
O
Memory Read Enable Output
WR
1
O
Memory Write Enable Output
MMAP
1
I
Memory Map Select Input
BMODE
1
I
Boot Option Control Input
CLKIN,
XTAL
2
I
Clock or Quartz Crystal Input
#
Pin
of
Input/
Name(s)
Pins
Output Function
CLKOUT
1
O
Processor Clock Output.
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port 1 or Two External
IRQs, Flag In and Flag Out
IRD, IWR 2
I
IDMA Port Read/Write Inputs
IS
1
I
IDMA Port Select
IAL
1
I
IDMA Port Address Latch
Enable
IAD
16
I/O
IDMA Port Address/Data Bus
IACK
1
O
IDMA Port Access Ready
Acknowledge
PWD
1
I
Power-Down Control
PWDACK 1
O
Power-Down Control
FL0, FL1,
FL2
3
O
Output Flags
PF7:0
8
I/O
Programmable I/O Pins
EE
1
*
(Emulator Only*)
EBR
1
*
(Emulator Only*)
EBG
1
*
(Emulator Only*)
ERESET
1
*
(Emulator Only*)
EMS
1
*
(Emulator Only*)
EINT
1
*
(Emulator Only*)
ECLK
1
*
(Emulator Only*)
ELIN
1
*
(Emulator Only*)
ELOUT
1
*
(Emulator Only*)
GND
11
Ground Pins (LQFP)
VDD
6
Power Supply Pins (LQFP)
GND
22
Ground Pins (Mini-BGA)
VDD
11
Power Supply Pins (Mini-BGA)
*These ADSP-2183 pins must be connected only to the EZ-ICE connector in
the target system. These pins have no function except during emulation, and
do not require pull-up or pull-down resistors.
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and reset with minimum overhead.
The ADSP-2183 provides four dedicated external interrupt
input pins,
IRQ2, IRQL0, IRQL1 and IRQE. In addition,
SPORT1 may be reconfigured for
IRQ0, IRQ1, FLAG_IN and
FLAG_OUT, for a total of six external interrupts. The ADSP-
2183 also supports internal interrupts from the timer, the byte
DMA port, the two serial ports, software and the power-down
control circuit. The interrupt levels are internally prioritized and
individually maskable (except power-down and reset). The
IRQ2, IRQ0 and IRQ1 input pins can be programmed to be
either level- or edge-sensitive.
IRQL0 and IRQL1 are level-
sensitive and
IRQE is edge sensitive. The priorities and vector
addresses of all interrupts are shown in Table I.


Similar Part No. - ADSP-2183KST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183KST-160 AD-ADSP-2183KST-160 Datasheet
231Kb / 31P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-2183KST-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com