Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR423AR Datasheet(PDF) 6 Page - Analog Devices

Part # ADR423AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423AR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR423AR Datasheet HTML 2Page - Analog Devices ADR423AR Datasheet HTML 3Page - Analog Devices ADR423AR Datasheet HTML 4Page - Analog Devices ADR423AR Datasheet HTML 5Page - Analog Devices ADR423AR Datasheet HTML 6Page - Analog Devices ADR423AR Datasheet HTML 7Page - Analog Devices ADR423AR Datasheet HTML 8Page - Analog Devices ADR423AR Datasheet HTML 9Page - Analog Devices ADR423AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
ADR420/ADR421/ADR423/ADR425
ADR42x Series–Typical Performance Characteristics
2.0495
2.0493
2.0491
2.0489
2.0487
2.0485
2.0483
2.0481
2.0479
2.0477
2.0475
–40
–10
20
50
80
110
125
TEMPERATURE – C
TPC 1. ADR420 Typical Output Voltage vs. Temperature
2.4995
2.4997
2.4999
2.5001
2.5003
2.5005
2.5007
2.5009
2.5011
2.5013
2.5015
–40
–10
20
50
80
110
125
TEMPERATURE – C
TPC 2. ADR421 Typical Output Voltage vs. Temperature
TEMPERATURE – C
–40
3.0010
3.0008
3.0006
3.0004
3.0002
3.0000
2.9998
2.9996
2.9994
2.9992
2.9990
–10
20
40
80
110 125
TPC 3. ADR423 Typical Output Voltage vs. Temperature
TEMPERATURE – C
–40
5.0025
5.0023
5.0021
5.0019
5.0017
5.0015
5.0013
5.0011
5.0009
5.0007
5.0005
–10
20
40
80
110 125
TPC 4. ADR425 Typical Output Voltage vs. Temperature
INPUT VOLTAGE – V
0.25
4
6
8
10
12
14
15
0.30
0.35
0.40
0.45
0.50
0.55
+125 C
+25 C
–40 C
TPC 5. ADR420 Supply Current vs. Input Voltage
INPUT VOLTAGE – V
0.25
4
6
8
10
12
14
15
0.30
0.35
0.40
0.45
0.50
0.55
+125 C
+25 C
–40 C
TPC 6. ADR421 Supply Current vs. Input Voltage


Similar Part No. - ADR423AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR423ARMZ AD-ADR423ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARMZ-REEL7 AD-ADR423ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARZ AD-ADR423ARZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARZ-REEL7 AD-ADR423ARZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR423AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com