Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2163 Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-2163
Description  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2163 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-2163 Datasheet HTML 2Page - Analog Devices ADSP-2163 Datasheet HTML 3Page - Analog Devices ADSP-2163 Datasheet HTML 4Page - Analog Devices ADSP-2163 Datasheet HTML 5Page - Analog Devices ADSP-2163 Datasheet HTML 6Page - Analog Devices ADSP-2163 Datasheet HTML 7Page - Analog Devices ADSP-2163 Datasheet HTML 8Page - Analog Devices ADSP-2163 Datasheet HTML 9Page - Analog Devices ADSP-2163 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
REV. 0
ADSP-216x
–6–
CLKIN
CLKOUT
XTAL
ADSP-216x
Figure 2. External Crystal Connections
A clock output signal (CLKOUT) is generated by the processor,
synchronized to the processor’s internal cycles.
Reset
The
RESET signal initiates a complete reset of the ADSP-216x.
The
RESET signal must be asserted when the chip is powered
up to assure proper initialization. If the
RESET signal is applied
during initial power-up, it must be held long enough to allow
the processor’s internal clock to stabilize. If
RESET is activated
at any time after power-up and the input clock frequency does
not change, the processor’s internal clock continues and does
not require this stabilization time.
The power-up sequence is defined as the total time required for
the crystal oscillator circuit to stabilize after a valid VDD is
applied to the processor and for the internal phase-locked loop
(PLL) to lock onto the specific crystal frequency. A minimum of
2000 tCK cycles will ensure that the PLL has locked (this does
not, however, include the crystal oscillator start-up time).
During this power-up sequence the
RESET signal should be
held low. On any subsequent resets, the
RESET signal must
meet the minimum pulsewidth specification, tRSP.
To generate the
RESET signal, use either an RC circuit with an
external Schmidt trigger or a commercially available reset IC.
(Do not use only an RC circuit.)
The
RESET input resets all internal stack pointers to the empty
stack condition, masks all interrupts, and clears the MSTAT
register. When
RESET is released, the boot loading sequence is
performed (provided there is no pending bus request and the chip
is configured for booting, with MMAP = 0). The first instruction is
then fetched from internal program memory location 0x0000.
PIN FUNCTION DESCRIPTIONS
Pin
# of
Input/
Name(s)
Pins
Output
Function
Address
14
O
Address outputs for program, data and boot memory.
Data1
24
I/O
Data I/O pins for program and data memories. Input only for
boot memory, with two MSBs used for boot memory addresses.
Unused data lines may be left floating.
RESET
1
I
Processor Reset Input
IRQ2
1
I
External Interrupt Request #2
BR2
1
I
External Bus Request Input
BG
1
O
External Bus Grant Output
PMS
1
O
External Program Memory Select
DMS
1
O
External Data Memory Select
BMS
1
O
Boot Memory Select
RD
1
O
External Memory Read Enable
WR
1
O
External Memory Write Enable
MMAP
1
I
Memory Map Select Input
CLKIN, XTAL
2
I
External Clock or Quartz Crystal Input
CLKOUT
1
O
Processor Clock Output
VDD
Power Supply Pins
GND
Ground Pins
SPORT0
5
I/O
Serial Port 0 Pins (TFS0, RFS0, DT0, DR0, SCLK0)
SPORT1
5
I/O
Serial Port 1 Pins (TFS1, RFS1, DT1, DR1, SCLK1)
or Interrupts and Flags:
IRQ0 (RFS1)
1
I
External Interrupt Request #0
IRQ1 (TFS1)
1
I
External Interrupt Request #1
FI (DR1)
1
I
Flag Input Pin
FO (DT1)
1
O
Flag Output Pin
PWDACK3
1
O
Indicates when the processor has entered power-down.
PWDFLAG3
1
I
Low-to-High Transition of the Power-Down Flag. Input pin can
be used to terminate power-down.
NOTES
1Unused data bus lines may be left floating.
2
BR must be tied high (to V
DD) if not used.
3Only on ADSP-2165/ADSP-2166.


Similar Part No. - ADSP-2163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163 AD-ADSP-2163 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163 AD-ADSP-2163 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163 AD-ADSP-2163 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163 AD-ADSP-2163 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163 AD-ADSP-2163_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com