Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR421AR-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR421AR-REEL7
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421AR-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR421AR-REEL7 Datasheet HTML 7Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 8Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 9Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 10Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 11Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 12Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 13Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 14Page - Analog Devices ADR421AR-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–11–
TIME – 4 s/DIV
CLOAD = 0.01 F
NO INPUT CAP
VOUT 2V/DIV
VIN 2V/DIV
TPC 31. ADR421 Turn-Off Response
TIME – 4 s/DIV
CLOAD = 0.01 F
NO INPUT CAP
VOUT 2V/DIV
VIN 2V/DIV
TPC 32. ADR421 Turn-On Response
CL = 0
TIME – 100 s/DIV
CBYPASS = 0.1 F
RL = 500
2V/DIV
5V/DIV
VIN
VOUT
TPC 33. ADR421 Turn-On/Turn-Off Response
FREQUENCY – Hz
10
100k
100
1k
10k
10
5
15
20
25
30
35
40
45
50
ADR425
ADR420
ADR421
ADR423
TPC 34. Output Impedance vs. Frequency
FREQUENCY – Hz
–20
10
1M
100
1k
10k
100k
–40
–60
–80
–10
–90
–30
–50
–70
TPC 35. Ripple Rejection vs. Frequency


Similar Part No. - ADR421AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421AR AD-ADR421AR Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ AD-ADR421ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARMZ-REEL7 AD-ADR421ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ AD-ADR421ARZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR421ARZ-REEL7 AD-ADR421ARZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR421AR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com