Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLP1N06CL Datasheet(PDF) 3 Page - Motorola, Inc

Part # MLP1N06CL
Description  VOLTAGE CLAMPED CURRENT LIMITING MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MLP1N06CL Datasheet(HTML) 3 Page - Motorola, Inc

  MLP1N06CL Datasheet HTML 1Page - Motorola, Inc MLP1N06CL Datasheet HTML 2Page - Motorola, Inc MLP1N06CL Datasheet HTML 3Page - Motorola, Inc MLP1N06CL Datasheet HTML 4Page - Motorola, Inc MLP1N06CL Datasheet HTML 5Page - Motorola, Inc MLP1N06CL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MLP1N06CL
3
Motorola TMOS Power MOSFET Transistor Device Data
THE SMARTDISCRETES CONCEPT
From a standard power MOSFET process, several active
and passive elements can be obtained that provide on–chip
protection to the basic power device. Such elements require
only a small increase in silicon area and/or the addition of one
masking layer to the process. The resulting device exhibits
significant improvements in ruggedness and reliability as well
as system cost reduction. The SMARTDISCRETES device
functions can now provide an economical alternative to smart
power ICs for power applications requiring low on–resistance,
high voltage and high current.
These devices are designed for applications that require a
rugged power switching device with short circuit protection
that can be directly interfaced to a microcontroller unit
(MCU). Ideal applications include automotive fuel injector
driver, incandescent lamp driver or other applications where
a high in–rush current or a shorted load condition could occur.
OPERATION IN THE CURRENT LIMIT MODE
The amount of time that an unprotected device can with-
stand the current stress resulting from a shorted load before
its maximum junction temperature is exceeded is dependent
u p o n a n u m b e r o f f a c t o r s t h a t i n c l u d e t h e a m o u n t
of heatsinking that is provided, the size or rating of the de-
vice, its initial junction temperature, and the supply voltage.
Without some form of current limiting, a shorted load can
raise a device’s junction temperature beyond the maximum
rated operating temperature in only a few milliseconds.
Even with no heatsink, the MLP1N06CL can withstand a
shorted load powered by an automotive battery (10 to 14
Volts) for almost a second if its initial operating temperature
is under 100
°C. For longer periods of operation in the cur-
rent–limited mode, device heatsinking can extend operation
from several seconds to indefinitely depending on the
amount of heatsinking provided.
SHORT CIRCUIT PROTECTION AND THE EFFECT OF
TEMPERATURE
The on–chip circuitry of the MLP1N06CL offers an inte-
grated means of protecting the MOSFET component from
high in–rush current or a shorted load. As shown in the sche-
matic diagram, the current limiting feature is provided by an
NPN transistor and integral resistors R1 and R2. R2 senses
the current through the MOSFET and forward biases the
NPN transistor’s base as the current increases. As the NPN
turns on, it begins to pull gate drive current through R1, drop-
ping the gate drive voltage across it, and thus lowering the
voltage across the gate–to–source of the power MOSFET
and limiting the current. The current limit is temperature de-
pendent as shown in Figure 3, and decreases from about 2.3
Amps at 25
°C to about 1.3 Amps at 150°C.
Since the MLP1N06CL continues to conduct current and
dissipate power during a shorted load condition, it is impor-
tant to provide sufficient heatsinking to limit the device junc-
tion temperature to a maximum of 150
°C.
The metal current sense resistor R2 adds about 0.4 ohms
to the power MOSFET’s on–resistance, but the effect of tem-
perature on the combination is less than on a standard
MOSFET due to the lower temperature coefficient of R2. The
on–resistance variation with temperature for gate voltages of
4 and 5 Volts is shown in Figure 5.
Back–to–back polysilicon diodes between gate and source
provide ESD protection to greater than 2 kV, HBM. This on–
chip protection feature eliminates the need for an external
Zener diode for systems with potentially heavy line transients.
Figure 3. ID(lim) Variation With Temperature
–50
0
50
100
150
4
1
0
3
2
TJ, JUNCTION TEMPERATURE (°C)
VGS = 5 V
VDS = 7.5 V
Figure 4. RDS(on) Variation With
Gate–To–Source Voltage
0
2
4
6
8
4
1
0
3
2
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
10
25
°C
150
°C
ID = 1 A
TJ = –50°C
Figure 5. On–Resistance Variation With
Temperature
–50
0
50
100
150
1.25
0.5
0.25
1
0.75
TJ, JUNCTION TEMPERATURE (°C)
ID = 1 A
VGS = 4 V
VGS = 5 V


Similar Part No. - MLP1N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MLP1N06CL ONSEMI-MLP1N06CL Datasheet
65Kb / 8P
   SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
November, 2000 ??Rev. 2
More results

Similar Description - MLP1N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLD2N06CL MOTOROLA-MLD2N06CL Datasheet
194Kb / 6P
   VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLD1N06CL MOTOROLA-MLD1N06CL Datasheet
163Kb / 6P
   VOLTAGE CLAMPED CURRENT LIMITING MOSFET
MLP2N06CL MOTOROLA-MLP2N06CL Datasheet
192Kb / 6P
   VOLTAGE CLAMPED CURRENT LIMITING MOSFET
logo
Alpha & Omega Semicondu...
AOT502 AOSMD-AOT502 Datasheet
321Kb / 7P
   Clamped N-Channel MOSFET
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
   Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
   Internal current limiting
L6985F STMICROELECTRONICS-L6985F Datasheet
1Mb / 65P
   Internal current limiting
February 2016 Rev 2
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
   CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
   Current Limiting Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com