Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2141L Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-2141L
Description  DSP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2141L Datasheet(HTML) 1 Page - Analog Devices

  ADSP-2141L Datasheet HTML 1Page - Analog Devices ADSP-2141L Datasheet HTML 2Page - Analog Devices ADSP-2141L Datasheet HTML 3Page - Analog Devices ADSP-2141L Datasheet HTML 4Page - Analog Devices ADSP-2141L Datasheet HTML 5Page - Analog Devices ADSP-2141L Datasheet HTML 6Page - Analog Devices ADSP-2141L Datasheet HTML 7Page - Analog Devices ADSP-2141L Datasheet HTML 8Page - Analog Devices ADSP-2141L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADSP-2141L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
DSP
APPLICATIONS
Security Coprocessor for High Speed Networking Prod-
ucts (Routers, Switches, Hubs)
Cryptographic Core for Firewalls, Hardware Encryptors,
and More
Crypto Peripheral for Implementing Secure NIC Adapt-
ers (10/100 Ethernet, Token Ring, ISDN)
Secure Modem-on-a-Chip (V.34, ADSL)
FEATURES
DES CRYPTO BLOCK
640 Mbps Sustained Performance—Single DES
214 Mbps Sustained Performance—Triple DES
Supports All Modes: ECB; CBC; 64-Bit OFB; and 1-, 8-,
64-Bit CFB. Includes Automatic Padding
Implements IPsec ESP Transforms Autonomously at
OC-3 (155 Mbps) Rates (3-DES, SHA-1)
HASH BLOCK
Hardware-Based SHA-1 and MD-5 Hashing
253 Mbps Sustained Performance—SHA-1
315 Mbps Sustained Performance—MD-5
Implements IPsec AH and HMAC Transforms
SECURE KERNEL CONTROL
Tamper-Resistant Isolation of Cryptographic Functions
Enforces Security Perimeter Around Crypto Functions
and Crypto Storage Locations
Anticloning Protection
Secure Algorithm Download
SafeNet CGX LIBRARY
On-Chip SafeNet CGX Crypto Library with Flexible CGX
API
Includes
Chained and Parallel Execution Commands
Such as Hash-and-Encrypt
Embodied as 32K Words (32K
24) Kernel Program
Mask-Programmed into On-Chip ROM
On-Chip Protected 4K
16 Security Scratchpad RAM
RANDOM NUMBER GENERATOR
Hardware-Based Nondeterministic Random Number
Generator
Generates Internal Session Keys That Are Never
Exposed Outside of the SafeNet DSP
Redundant Fail-Safe Design
Up to 1.3 Mbits of Random Data Available per Second
FUNCTIONAL BLOCK DIAGRAM
BUS_MODE
IDMA MODE
PCI MODE
IDMA
BUS
INTERRUPTS
FLAGS
SPORT 0
SERIAL
PORTS
SPORT 1
PROTECTED
KERNEL
RAM
(4K
16)
32
EXTERNAL
MEMORY
INTERFACE
RNG
BLOCK
PUBLIC KEY
ACCELERATOR
32-BITS
DATA
26-BITS
ADDR
LASER
VARIABLE
STORE
SERIAL
EEPROM
INTERFACE
INTERRUPT
CONTROLLER
APPLICATION
REGISTERS
RAM/ROM
PF7/
INT_H
DMA-32
CONTROLLER
IDMA
INTERFACE
16
PCI OR
CARDBUS
INTERFACE
32
16
BUS_MODE
BUS_SEL
16-
OR
32-BIT
BUS
KERNEL
MODE
CONTROL
KERNEL ROM
32K
24
PROG ROM
16K
24
DATA ROM
16K
16
TIMER
ADSP-218x
DSP CORE
EMI BUS
ENCRYPT
BLOCK
(DES, 3-DES)
HASH
BLOCK
(MD-5, SHA-1)
SafeNet is a registered trademark of Information Resource Engineering (IRE).
R


Similar Part No. - ADSP-2141L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
More results

Similar Description - ADSP-2141L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BELASIGNA200 ONSEMI-BELASIGNA200 Datasheet
1Mb / 43P
   DSP
June 2008 ??Rev. 16
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Analog Devices
ADSP-2189MBSTZ-266 AD-ADSP-2189MBSTZ-266 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2181BSTZ-133 AD-ADSP-2181BSTZ-133 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2181BSZ-133 AD-ADSP-2181BSZ-133 Datasheet
305Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2196MKSTZ-160 AD-ADSP-2196MKSTZ-160 Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21065LCSZ-240 AD-ADSP-21065LCSZ-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKSZ-264 AD-ADSP-21065LKSZ-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
logo
Panasonic Battery Group
DSP PANASONICBATTERY-DSP Datasheet
107Kb / 6P
   DSP RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com