Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR420ARM-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR420ARM-REEL7
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420ARM-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADR420ARM-REEL7 Datasheet HTML 1Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 2Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 3Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 4Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 5Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 6Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 7Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 8Page - Analog Devices ADR420ARM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
ADR420/ADR421/ADR423/ADR425
Package Type
θ
JA*
Unit
8-Lead Mini_SOIC (RM)
190
°C/W
8-Lead SOIC (R)
130
°C/W
*
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface-mount packages.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
R, RM Packages . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
ADR42x . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
R, RM Packages . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . 300
°C
*Absolute maximum ratings apply at 25
°C, unless otherwise noted.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1, 8
TP
Test Pin. There are actual connections in TP
pins but they are reserved for factory testing
purposes. Users should not connect any-
thing to TP pins, otherwise the device may
not function properly.
2VIN
Input Voltage
3, 7
NIC
No Internal Connect. NICs have no internal
connections.
4
GND
Ground Pin = 0 V
5
TRIM
Trim Terminal. It can be used to adjust the
output voltage over a
±0.5% range without
affecting the temperature coefficient.
6VOUT
Output Voltage
PIN CONFIGURATIONS
Mini_SOIC-8
ADR42x
8
7
6
5
1
2
3
4
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
TP
VIN
NIC
GND
TP
NIC
VOUT
TRIM
SOIC-8
8
7
6
5
TP
NIC
VOUT
TRIM
ADR42x
1
2
3
4
TP
VIN
NIC
GND
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
Output
Initial
Temperature
Number of
Temperature
Voltage
Accuracy
Coefficient
Package
Package
Top
Parts per
Range
Model
VO
mV
%
ppm/
°C
Description
Option
Mark
Reel
°C
ADR420AR
2.048
3
0.15
10
SOIC
SO-8
ADR420
98
–40 to +125
ADR420AR-Reel7
2.048
3
0.15
10
SOIC
SO-8
ADR420
3,000
–40 to +125
ADR420BR
2.048
1
0.05
3
SOIC
SO-8
ADR420
98
–40 to +125
ADR420BR-Reel7
2.048
1
0.05
3
SOIC
SO-8
ADR420
3,000
–40 to +125
ADR420ARM-Reel7 2.048
3
0.15
10
Mini_SOIC
RM-8
R4A
1,000
–40 to +125
ADR421AR
2.50
3
0.12
10
SOIC
SO-8
ADR421
98
–40 to +125
ADR421AR-Reel7
2.50
3
0.12
10
SOIC
SO-8
ADR421
3,000
–40 to +125
ADR421BR
2.50
1
0.04
3
SOIC
SO-8
ADR421
98
–40 to +125
ADR421BR-Reel7
2.50
1
0.04
3
SOIC
SO-8
ADR421
3,000
–40 to +125
ADR421ARM-Reel7 2.50
3
0.12
10
Mini_SOIC
RM-8
R5A
1,000
–40 to +125
ADR423AR
3.00
4
0.13
10
SOIC
SO-8
ADR423
98
–40 to +125
ADR423AR-Reel7
3.00
4
0.13
10
SOIC
SO-8
ADR423
3,000
–40 to +125
ADR423BR
3.00
1.5
0.04
3
SOIC
SO-8
ADR423
98
–40 to +125
ADR423BR-Reel7
3.00
1.5
0.04
3
SOIC
SO-8
ADR423
3,000
–40 to +125
ADR423ARM-Reel7 3.00
4
0.13
10
Mini_SOIC
RM-8
1,000
–40 to +125
ADR425AR
5.00
6
0.12
10
SOIC
SO-8
ADR425
98
–40 to +125
ADR425AR-Reel7
5.00
6
0.12
10
SOIC
SO-8
ADR425
3,000
–40 to +125
ADR425BR
5.00
2
0.04
3
SOIC
SO-8
ADR425
98
–40 to +125
ADR425BR-Reel7
5.00
2
0.04
3
SOIC
SO-8
ADR425
3,000
–40 to +125
ADR425ARM-Reel7 5.00
6
0.12
10
Mini_SOIC
RM-8
R7A
1,000
–40 to +125
ORDERING GUIDE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD42x features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADR420ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420ARMZ AD-ADR420ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420ARMZ-REEL7 AD-ADR420ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR420ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com