Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21160N Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21160N
Description  DSP Microcomputer
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21160N Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21160N Datasheet HTML 4Page - Analog Devices ADSP-21160N Datasheet HTML 5Page - Analog Devices ADSP-21160N Datasheet HTML 6Page - Analog Devices ADSP-21160N Datasheet HTML 7Page - Analog Devices ADSP-21160N Datasheet HTML 8Page - Analog Devices ADSP-21160N Datasheet HTML 9Page - Analog Devices ADSP-21160N Datasheet HTML 10Page - Analog Devices ADSP-21160N Datasheet HTML 11Page - Analog Devices ADSP-21160N Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog
Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing.
8
REV. PrB
For current information contact Analog Devices at 800/262-5643
ADSP-21160N
April 2002
PRELIMINARY TECHNICAL DATA
Also, the clearance (length, width, and height) around the
header must be considered. Leave a clearance of at least
0.15" and 0.10" around the length and width of the header,
and reserve a height clearance to attach and detach the pod
connector.
As can be seen in Figure 6, there are two sets of signals on
the header. There are the standard JTAG signals TMS,
TCK, TDI, TDO,
TRST, and EMU used for emulation
purposes (via an emulator). There are also secondary JTAG
signals BTMS, BTCK, BTDI, and
BTRST that are option-
ally used for board-level (boundary scan) testing.
When the emulator is not connected to this header, place
jumpers across BTMS, BTCK,
BTRST, and BTDI as
shown in Figure 7. This holds the JTAG signals in the
correct state to allow the DSP to run free. Remove all the
jumpers when connecting the emulator to the JTAG header.
JTAG Emulator Pod Connector
Figure 8 details the dimensions of the JTAG pod connector
at the 14-pin target end. Figure 9 displays the keep-out area
for a target board header. The keep-out area allows the pod
connector to properly seat onto the target board header.
This board area should contain no components (chips,
resistors, capacitors, etc.). The dimensions are referenced
to the center of the 0.25" square post pin.
Design-for-Emulation Circuit Information
For details on target board design issues including: single
processor connections, multiprocessor scan chains, signal
buffering, signal termination, and emulator pod logic, see
the EE-68: Analog Devices JTAG Emulation Technical
Reference on the Analog Devices website—use site search on
“EE-68” (www.analog.com). This document is updated
regularly to keep pace with improvements to emulator
support.
Additional Information
This data sheet provides a general overview of the
ADSP-21160N architecture and functionality. For detailed
information on the ADSP-2116x Family core architecture
and instruction set, refer to the ADSP-2116x SHARC DSP
Hardware Reference.
Figure 6. JTAG Target Board Connector for JTAG
Equipped Analog Devices DSP (Jumpers in
Place)
TOP VIEW
13
14
11
12
910
9
78
56
34
12
EMU
GND
TMS
TCK
TRST
TDI
TDO
GND
KEY (NO PIN)
BTMS
BTCK
BTRST
BTDI
GND
Figure 7. JTAG Target Board Connector with No Local
Boundary Scan
Figure 8. JTAG Pod Connector Dimensions
Figure 9. JTAG Pod Connector Keep-Out Area
TOP VIEW
13
14
11
12
910
9
78
56
34
12
EMU
GND
TMS
TCK
TRST
TDI
TDO
GND
KEY (NO PIN)
BTMS
BTCK
BTRST
BTDI
GND
0.64"
0.88"
0.24"
0.10"
0.15"


Similar Part No. - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160N AD-ADSP-21160N Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160N TI-ADSP-21160N Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
logo
Analog Devices
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCB-100 AD-ADSP-21160NCB-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160NCB-100 TI-ADSP-21160NCB-100 Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - ADSP-21160N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com