Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473002.YRT1- Datasheet(PDF) 1 Page - Littelfuse

Part # 0473002.YRT1-
Description  PICO짰 II Slo-Blo짰 Type Fuse
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0473002.YRT1- Datasheet(HTML) 1 Page - Littelfuse

  0473002.YRT1- Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
AXIAL LEAD AND CARTRIDGE FUSES
SUBMINIATURE
PICO® II Slo-Blo® Type Fuse
The PICO® II Slo-Blo® fuse combines time delay performance
characteristics with the proven reliability of a Picofuse.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Min.: 60 seconds, Max.
300%
0.2 seconds, Min.: 3 seconds, Max.
800%
0.02 seconds, Min.: 0.1 seconds, Max.
AGENCY APPROVALS: 1 Recognized under the
Components Program of Underwriters Laboratories and
Certified by CSA. Approved by MITI from 1 through 5
amperes.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
50 amperes at 125 VDC/VAC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz);
MIL-STD-202, Method 204, Test Condition C (55–2000 Hz
at 10 G’s Peak).
Salt Spray: MIL-STD-202, Method 101, Test Condition B.
Insulation Resistance (After Opening): MIL-STD-202,
Method 302, (10,000 ohms minimum at 100 volts).
Resistance to Soldering Heat: MIL-STD-202,
Method 210, Test Condition C (20 sec at 260°C).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106
(90–98% RH), Heat (65°C).
PHYSICAL SPECIFICATIONS:
Materials: Encapsulated, Epoxy-Coated Body; Solder
Coated Copper Wire Leads.
Flammability Rating: UL94VO.
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Lead Pull Force: MIL-STD-202, Method 211, Test
Condition A (will withstand a 10 lb. axial pull test).
PACKAGING SPECIFICATIONS: Tape and Reel per
EIA-296; T1: 2.062" (52.4mm) taped spacing; 4,000
per reel.
PATENTED
ORDERING INFORMATION:
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec.
473.375
3/8
125
1.74
0.0850
473.500
1/2
125
1.13
0.210
473.750
3/4
125
0.460
0.760
473 001
1
125
0.267
2.01
473 01.5
11/2
125
0.117
3.94
473 002
2
125
0.0730
7.60
473 2.25
21/4
125
0.0630
9.28
473 02.5
21/2
125
0.0520
13.0
473 003
3
125
0.0380
21.0
473 03.5
31/2
125
0.0240
26.8
473 004
4
125
0.0194
35.0
473 005
5
125
0.0133
54.8
473 007
7
125
0.0092
105.0
Average Time Current Curves
®
®
1
F
L 1 A
1.5"
1.5"
.280"
REF.
.025" DIA.
.125" DIA. REF.


Similar Part No. - 0473002.YRT1-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0473002.YRT1L LITTELFUSE-0473002.YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Slo-Blo짰 > 473 Series
More results

Similar Description - 0473002.YRT1-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0473002.YRT3L LITTELFUSE-0473002.YRT3L Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473004.YRT1- LITTELFUSE-0473004.YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.375YRT1- LITTELFUSE-0473.375YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.500YRT3L LITTELFUSE-0473.500YRT3L Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.750MRT3- LITTELFUSE-0473.750MRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
04732.25YRT3L LITTELFUSE-04732.25YRT3L Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.500YRT1- LITTELFUSE-0473.500YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473001.YRT3- LITTELFUSE-0473001.YRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473004.MRT1- LITTELFUSE-0473004.MRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473007.MRT3- LITTELFUSE-0473007.MRT3- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com