Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

048107.5HXP Datasheet(PDF) 2 Page - Littelfuse

Part # 048107.5HXP
Description  Special Application Fuses 481 Series Alarm Indicating Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

048107.5HXP Datasheet(HTML) 2 Page - Littelfuse

  048107.5HXP Datasheet HTML 1Page - Littelfuse 048107.5HXP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
348
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Special Application Fuses
Alarm Indicating Fuse 481 Series
481 Series Alarm Indicating Fuse
Please refer to www.littelfuse.com/series/481.html for current information.
Average Time Current Curves
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Material
Vibration
Product Characteristics
Product Characteristics
Dimensions
Part Numbering System
22.9mm
(.90") MIN.
8mm
.23")
5.3mm
(.21")
16.9mm
(.665") MAX.
11.7mm
(.46")
17.8mm (.70")
19.6mm
(.77")
21.3mm
(0.84")
REF.
LENS
2.77
(.109")
2.79
(.110")
4.45
(.175")
1-15A
20A*
Operating Temperature
– 55O
O
Thermal Shock
O
125O
Insulation Resistance
(After Opening)
OPTION CODE:
RoHS ITEM OPTION CODE:
SERIES
AMP CODE
QUANTITY CODE:
Blank = Standard
XL = Protective Lens
Blank = Standard design item
P = RoHS compliant version item
(available in 2-20 amp range only)
0481 .180 H XL P
V = 5 pack
H = 100 pack
(See Electrical Characteristics Table)


Similar Part No. - 048107.5HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
048107.5HXL LITTELFUSE-048107.5HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
048107.5HXLP LITTELFUSE-048107.5HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
More results

Similar Description - 048107.5HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0481003.HXLP LITTELFUSE-0481003.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481005.HXLP LITTELFUSE-0481005.HXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481010.VXLP LITTELFUSE-0481010.VXLP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
048103.5HXP LITTELFUSE-048103.5HXP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.180HXL LITTELFUSE-0481.180HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.200H LITTELFUSE-0481.200H Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.250H LITTELFUSE-0481.250H Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.375HXL LITTELFUSE-0481.375HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481.500HXL LITTELFUSE-0481.500HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
04811.33HXL LITTELFUSE-04811.33HXL Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
0481010.HXP LITTELFUSE-0481010.HXP Datasheet
143Kb / 2P
   Special Application Fuses 481 Series Alarm Indicating Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com