Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF02-20 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GF02-20
Description  HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GF02-20 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GF02-20 Datasheet HTML 1Page - Zowie Technology Corporation GF02-20 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF02-20
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 2000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* High temperature soldering guaranteed: 260
o
C/10 seconds,
at terminals
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-214AC molded plastic over glass body
Terminals : Tin Plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.002 ounes , 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
TJ,TSTG
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
Volts
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Amps
Amps
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
IR
uA
Typical junction capacitance (NOTE 1)
CJ
pF
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
PATENTED
*Dimensions in inches and (millimeters)
PATENTED
PATENTED
Typical thermal resistance (NOTE 2)
o
C / W
R JA
R JL
TM
Zowie Technology Corporation
REV. 0
GF02-20
1.0
30
-65 to +175
2.00
5
50
12
75
27
2000
1400
2000
SMA/DO-214AC
0.114(2.90)
0.098(2.50)
0.096(2.44)
0.079(2.00)
0.059(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.181(4.60)
0.157(4.00)
Max.
0.203
0.063(1.60)
0.047(1.20)
0.208(5.28)
0.189(4.80)


Similar Part No. - GF02-20

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - GF02-20

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10-30 ZOWIE-GP10-30 Datasheet
77Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-35 ZOWIE-GP10-35 Datasheet
76Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20H ZOWIE-GP02-20H Datasheet
61Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20 ZOWIE-GP02-20 Datasheet
60Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP60A ZOWIE-GP60A Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com