Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G110M Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # G110M
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

G110M Datasheet(HTML) 1 Page - Zowie Technology Corporation

  G110M Datasheet HTML 1Page - Zowie Technology Corporation G110M Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G110B THRU G110M
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 100 to 2000 Volts
Forward Current - 1.0 Ampere
FEATURES
MECHANICAL DATA
* Glass passivated cavity-free junction
* Capable of meeting environmental standards of MIL-S-19500
* 1.0 Ampere operation at TA=75
o
C with no thermal
runaway
* High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : R -1 molded plastic over glass body
Terminals : Tin Plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.064 ounes , 0.181 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Typical junction capacitance (NOTE 1)
Typical thermal resistance
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JA
TJ,TSTG
1.0
25
1.0
5
100
15
50
-65 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Volts
Volts
Amps
Amps
uA
pF
o
C / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
*Dimensions in inches and (millimeters)
Zowie Technology Corporation
REV. 0
G110D
G110G
G110J
G110K
G110M
100
70
100
G110B
R-1
.114(2.9)
.138(3.5)
.102(2.6)
.087(2.2)
DIA.
.025(0.64)
.021(0.53)
DIA.


Similar Part No. - G110M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
G110ML ZOWIE-G110ML Datasheet
60Kb / 2P
   Low VF Rectifier Diode
More results

Similar Description - G110M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com