Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0497 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0497
Description  Fire Alarm/Life Safety Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0497 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0497 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0497
Date:
10/26/2007
Revision Level:
1
4C 12 SOLID BC PP OAS PVC
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#12 AWG Solid Bare Copper
0.020” Wall Polypropylene
0.020” Wall Polyvinyl Chloride – Red
0.081” nom.
CAROL (R) 12 AWG - - C0497A - -TYPE FPL E66267-8 (UL)- - MADE IN USA (DATE CODE &
SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 3.50” LHL with mylar wrap, AL / PE & # 22 7/30 TC DW
0.297” nom.
0.121” nom.
0.337" +/- 0.017"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
60C
300V
1.6 Ohms/1000 ft nom
28.73 pF/ft @ 1kHz nom
51.9 Ohms @ 1MHz nom
4.2 Ohms/1000 ft nom
51.71 pF/ft @ 1kHz nom
National Electrical Code
Article 760
UL Standard 1424
Type FPL
1
2
3
4
Black
Red
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0497

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0491 GENERAL-C0491 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0494 GENERAL-C0494 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0495 GENERAL-C0495 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results

Similar Description - C0497

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0476 GENERAL-C0476 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0491 GENERAL-C0491 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0495 GENERAL-C0495 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0475 GENERAL-C0475 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0485 GENERAL-C0485 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0471 GENERAL-C0471 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
C0494 GENERAL-C0494 Datasheet
73Kb / 1P
   Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com