Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3415LRM-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3415LRM-REEL7
Description  Dual MOSFET Driver with Bootstrapping
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3415LRM-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3415LRM-REEL7 Datasheet HTML 3Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 4Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 5Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 6Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 7Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 8Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 9Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 10Page - Analog Devices ADP3415LRM-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
ADP3415
–7–
JUNCTION TEMPERATURE – C
52
42
22
0
125
25
50
75
100
32
27
37
47
7
17
12
VCC = 5V
CLOAD = 3nF
2
tpdlDRVH
tpdlDRVL
TPC 7. DRVH and DRVL Propagation Delay
vs. Temperature
LOAD CAPACITANCE – nF
52
42
22
110
35
68
32
27
37
47
7
17
12
VCC = 5V
TA = 25 C
24
79
DRVL
DRVH
TPC 8. DRVH and DRVL Fall Time vs. Load Capacitance
JUNCTION TEMPERATURE – C
182
142
62
0
125
25
50
75
100
102
82
122
162
2
42
22
VCC = 5V
fIN = 200kHz
OPEN DELAY PIN
SHORTED TO GROUND
CLOAD = 3nF
TPC 9. tpdhDRVH vs. Temperature
IN FREQUENCY – kHz
45
35
15
200
1200
400
600
800
1000
25
20
30
40
0
10
5
VCC = 5V
TA = 25 C
CLOAD = 3nF
TPC 10. Supply Current vs. Frequency
JUNCTION TEMPERATURE – C
10.5
9.5
7.5
0
125
25
50
75
100
8.5
8.0
9.0
10.0
6.0
7.0
6.5
VCC = 5V
f
IN = 250kHz
CLOAD = 3nF
TPC 11. Supply Current vs. Temperature


Similar Part No. - ADP3415LRM-REEL7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3415LRM-REEL7 ONSEMI-ADP3415LRM-REEL7 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
More results

Similar Description - ADP3415LRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Infineon Technologies A...
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com