Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603L035YR Datasheet(PDF) 3 Page - Littelfuse

Part # 0603L035YR
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0603L035YR Datasheet(HTML) 3 Page - Littelfuse

  0603L035YR Datasheet HTML 1Page - Littelfuse 0603L035YR Datasheet HTML 2Page - Littelfuse 0603L035YR Datasheet HTML 3Page - Littelfuse 0603L035YR Datasheet HTML 4Page - Littelfuse 0603L035YR Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
17
Revised: May 6, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Surface Mount > 0603L Series
0603L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/0603L.html for current information.
Environmental Specifications
Operating/Storage
Temperature
Maximum Device Surface
Temperature in Tripped State
Passive Aging
Humidity Aging
Thermal Shock
Solvent Resistance
No change
Vibration
No change
Moisture Sensitivity Level
Physical Specifications
Terminal Material
Lead Solderability
Soldering Parameters
to T
P
s
L
L
P
260
p
P
performance requirements
2
environment for
lead


Similar Part No. - 0603L035YR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L035YR LITTELFUSE-0603L035YR Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
More results

Similar Description - 0603L035YR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L020YR LITTELFUSE-0603L020YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L050YR LITTELFUSE-0603L050YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com