Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3342 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 4 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
ADP3342
–4–
INPUT VOLTAGE – V
1.7
2.7
3.7
4.7
5.7
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
VOUT = 1.2V
VCC = 3V
IL = 100mA
IL = 300mA
IL = 200mA
IL = 0mA
TPC 1. Line Regulation Output Voltage
vs. Supply Voltage
OUTPUT LOAD – mA
3.5
0
50
100
150
200
250
300
3.0
2.5
2.0
1.5
1.0
0
0.5
VIN = 1.8V
VCC = 3.0V
TPC 4. Ground Current vs. Load Current
OUTPUT LOAD – mA
0.25
0
50
100
200
250
150
300
0.20
0.15
0.10
0.05
0
TPC 7. Dropout Voltage vs. Output
Current
–Typical Performance Characteristics
OUTPUT LOAD – mA
0
50
100
150
200
250
300
1.23
1.22
1.21
1.20
1.19
1.18
1.17
VIN = 1.8V
VCC = 3.0V
TPC 2. Output Voltage vs. Load Current
JUNCTION TEMPERATURE – C
1.0
0.3
–50 –25
150
0
25
50
75
100
125
0.9
0.7
0.6
0.5
0.4
0.8
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
200mA
300mA
TPC 5. Output Voltage Variation
vs. Junction Temperature
TEMPERATURE – C
7.0
6.5
6.0
5.5
5.0
4.5
–40 –25 –10
5
203550
6580
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
VCC = 3.0V
VIN = 1.8V
95
MAX
TYP
MIN
TPC 8. Ground Current @ 300 mA
Load vs. Ambient Temperature
INPUT VOLTAGE – V
120
110
100
90
1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 5.6 6.0
80
70
60
50
VOUT = 1.2V
VCC = 3V
IL = 0 A
TPC 3. Ground Current vs. Supply
Voltage
JUNCTION TEMPERATURE – C
5.50
–40
–20
0
20406080
100
5.00
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0
VCC = 3.0V
VIN = 1.8V
IL = 0mA
IL = 100mA
IL = 200mA
IL = 300mA
TPC 6. Ground Current vs. Junction
Temperature
TIME –
s
200
400
600
800
VOUT = 1.2V
SD = VIN
RL = 4
4
3
2
1
0
0
1000
–1
–2
5
6
TPC 9. Power-Up/Power-Down


Similar Part No. - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com