Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE1212YD-4W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRE1212YD-4W
Description  4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRE1212YD-4W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRE1212YD-4W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRE1212YD-4W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRE1212YD-4W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W
WRE-YD-4W&WRF-YD-4W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
Output Graph
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
In order to ensure the product operate efficiently and reliably,in addition to a
max load(namely full load), a minimum load is specified for this kind of
DC/DC converter.Make sure the specified range of input voltage is not
exceeded,the minimum output load no
no
no
no less
less
less
less than
than
than
than 10%
10%
10%
10% load
load
load
load.If the actual
load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly.If the actual
output power is very small,please add an appropriate resistor as extra
loading,or contact our company for other lower output power products.
Recommended
Recommended
Recommended
Recommended Circuit
Circuit
Circuit
Circuit
All the WRE_YD-4W&WRE_YD-4W Series have been tested according to
the following recommended testing circuit before leaving factory.This series
should be tested under load(See figure 1).
If you want to further decrease the input/output ripple,you can increase
capacitance properly or choose capacitors with low ESR. However, the
capacitance of the output filter capacitor must be proper. If the capacitance
is too big, a startup problem might arise. For every channel of output,
provided the safe and reliable operation is ensured, the greatest capacitance
of its filter capacitor sees (Table 1).
General:
Cin: 5V&12V 100μF
24V&48V 100μF-47μF
Cout: 10μF/100mA
Input
Input
Input
Input current
current
current
current
While using unstable power source,please ensure the output voltage and
ripple voltage do not exceed indexes of the converter. Input current of
power supply should afford the startup current of this kind of DC/DC module
(See figure 2).
General:Ip≤1.4*Iin-max
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48VDC, 36~72VDC
Filter
p(Pi) Network
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Rated voltage (60 sec)
3000VDC
Resistance
> 1000MOhm
Capacitance
120pF, typ.
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Operating temperature (ambient)
-40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
MTBF: > 1,036,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Efficiency
73% to 81%
Switching Frequency
250KHz, typ. 100% load
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage accuracy
±1%, max.
Voltage balance (Dual Output)
±1%
Ripple & noise (at 20MHz BW)
60mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.
Physical
Physical
Physical
Physical
Physical
Physical
Physical
Physical Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Dimensions
31.75x20.32x10.16mm
1.25x0.8x0.4inches
Weight
19g
Case material
Nickel-Coated Copper


Similar Part No. - WRE1212YD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE1212YD-3W MICRODC-WRE1212YD-3W Datasheet
543Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE1212YD-5W MICRODC-WRE1212YD-5W Datasheet
462Kb / 3P
   5W,2:1 WIDE INPUT,ISOLATED®ULATED DUAL/SINGLE OUTPUT DIP24 DC/DC CONVERTER
WRE1212YD-6W MICRODC-WRE1212YD-6W Datasheet
533Kb / 3P
   6W, 2:1WIDEINPUT, ISOLATED®ULATEDSINGLE/DUALOUTPUTDC-DCCONVERTER
More results

Similar Description - WRE1212YD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-4W MICRODC-WRA-YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com