Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRF4805YD-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRF4805YD-3W
Description  3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRF4805YD-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRF4805YD-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRF4805YD-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRF4805YD-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W
WRE-YD-3W&WRF-YD-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max*
Max
Min
WRE1205YD-3W
12
9-18
22
±5
±300
±30
74
WRE1212YD-3W
12
9-18
22
±12
±125
±12
78
WRE1215YD-3W
12
9-18
22
±15
±100
±10
79
WRF1205YD-3W
12
9-18
22
5
600
60
74
WRF1209YD-3W
12
9-18
22
9
333
33
76
WRF1212YD-3W
12
9-18
22
12
250
25
78
WRF1215YD-3W
12
9-18
22
15
200
20
77
WRF1224YD-3W
12
9-18
22
24
125
12
80
WRE2405YD-3W
24
18-36
40
±5
±300
±30
77
WRE2409YD-3W
24
18-36
40
±9
±167
±16
78
WRE2412YD-3W
24
18-36
40
±12
±125
±12
79
WRE2415YD-3W
24
18-36
40
±15
±100
±10
80
WRF2405YD-3W
24
18-36
40
5
600
60
77
WRF2409YD-3W
24
18-36
40
9
333
33
78
WRF2412YD-3W
24
18-36
40
12
250
25
79
WRF2415YD-3W
24
18-36
40
15
200
20
80
WRF4805YD-3W
48
36-72
80
5
600
60
77
WRF4812YD-3W
48
36-72
80
12
250
25
79
WRF4815YD-3W
48
36-72
80
15
200
20
80
*Input voltage can exceed this value, or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRE
E
E
E
E
E
E
E
12
12
12
12
12
12
12
12
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------3
3
3
3
3
3
3
3W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤DIP Package Style
⑥Rated Power
3W,
3W,
3W,
3W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
DIP24 package
Efficiency up to 80%
Operating temperature: -40℃ ~ +85℃
Short circuit protection ( automatic
recovery)
3KVDC isolation
No external component required
Internal SMD construction
Industry standard pinout
MTBF>1,000,000 hours
UL94-V0 Package
RoHS Compliance
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRE_YD-3W&WRF_YD-3W series are specially
designed for applications where a wide range input
voltage power supplies are isolated from the input power
supply in a distributed power supply system on a circuit
board.
These products apply to:
1) Where
the voltage
of
the
input power supply
is
wide range (voltage range ≤2:1);
2) Where
isolation
is
necessary
between input and
output(Isolation Voltage ≤3000VDC);
3) Where
the
regulation
of
the output
voltage
and the output ripple noise are demanded.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity
Test Conditions
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Plastic (UL94-V0)
MTBF
1000
K hours
Weight
17
g
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ


Similar Part No. - WRF4805YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRF4805YD-4W MICRODC-WRF4805YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRF4805YD-5W MICRODC-WRF4805YD-5W Datasheet
462Kb / 3P
   5W,2:1 WIDE INPUT,ISOLATED®ULATED DUAL/SINGLE OUTPUT DIP24 DC/DC CONVERTER
WRF4805YD-6W MICRODC-WRF4805YD-6W Datasheet
533Kb / 3P
   6W, 2:1WIDEINPUT, ISOLATED®ULATEDSINGLE/DUALOUTPUTDC-DCCONVERTER
More results

Similar Description - WRF4805YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZS-3W MICRODC-WR-ZS-3W Datasheet
770Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YHD-3W MICRODC-WRA-YHD-3W Datasheet
664Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-3W MICRODC-WRA-YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com