Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN7809T-500 Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # WRN7809T-500
Description  WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN7809T-500 Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  WRN7809T-500 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN7809T-500 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN7809T-500 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN7809T-500 Datasheet HTML 4Page - Microdc power Technology Co., Ltd WRN7809T-500 Datasheet HTML 5Page - Microdc power Technology Co., Ltd WRN7809T-500 Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500
WRN78XXT-500 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 6
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN
SHUTDOWN CONTROL
CONTROL
CONTROL
CONTROL
CONTROL
CONTROL
CONTROL
CONTROL
The ON/OFF pin provides several features for adjusting and sequencing the power supply, a user has the flexibility of using the ON/OFF pin as:
1) A digital on/off control by pulling down the ON/OFF pin with an open-drain transistor.
2)
Line UVLO. If desired to achieve a UVLO voltage, an resistor divider from Vin to ON/OFF to GND can be used to disable the converter until
a higher input voltage is achieved. For example , it is not useful for a converter with 12V output to start up with a 12V input voltage, as the output
cannot teach regulation. To enable
the converter when
the input voltage reaches 14V , a 51kΩ ⁄ 5kΩ resistor divider from Vin to GND can be
connected to the ON
OFF pin . Both the precision 1.25V threshold and 150mV hysteresis are multiplied by
the resistor ratio , providing a
proportional 12% hysteresis for any startup threshold. So , the turn off threshold would be between 12.3V to 15.7V.
3)
Power supply sequencing. By connecting a small capacitor from ON/OFF to GND, the 2µA current source and 1.25V threshold can provide a
stable and predictable delay between startup of multiple power supplies. For example, a startup delay of roughly 64mS is provided using 100nF, and
roughly 136mS by using 200nF.


Similar Part No. - WRN7809T-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN7809-1000 MICRODC-WRN7809-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7809-500 MICRODC-WRN7809-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
More results

Similar Description - WRN7809T-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
   WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com