Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRD480505YD-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRD480505YD-3W
Description  3W,WIDE INPUT ISOLATED & REGULATEDTWINOUTPUT DIPDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRD480505YD-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRD480505YD-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRD480505YD-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRD480505YD-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
No-load
Current
(mA,Typ)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max*
Max
Min.
WRD050505YD-3W
4.5-9.0
4.5-9.0
11
40
5/5
300/300
30/30
68
WRD051212YD-3W
4.5-9.0
4.5-9.0
11
40
12/12
125/125
12/12
71
WRD051515YD-3W
4.5-9.0
4.5-9.0
11
40
15/15
100/100
10/10
72
WRD120505YD-3W
12
9.0-18
22
20
5/5
300/300
30/30
76
WRD120909YD-3W
12
9.0-18
22
20
9/9
166/166
16/16
78
WRD121212YD-3W
12
9.0-18
22
20
12/12
125/125
12/12
80
WRD121515YD-3W
12
9.0-18
22
20
15/15
100/100
10/10
81
WRD122424YD-3W
12
9.0-18
22
20
24/24
62/62
6/6
82
WRD240505YD-3W
24
18-36
40
10
5/5
300/300
30/30
76
WRD240512YD-3W
24
18-36
40
10
5/12
300/125
30/12
77
WRD241212YD-3W
24
18-36
40
10
12/12
125/125
12/12
80
WRD241515YD-3W
24
18-36
40
10
15/15
100/100
10/10
79
WRD242424YD-3W
24
18-36
40
10
24/24
62/62
6/6
81
WRD480505YD-3W
48
36-72
80
5
5/5
300/300
30/30
76
WRD480512YD-3W
48
36-72
80
5
5/12
400/83
40/8
78
WRD480909YD-3W
48
36-72
80
5
9/9
166/166
16/16
78
WRD481212YD-3W
48
36-72
80
5
12/12
125/125
12/12
80
WRD481515YD-3W
48
36-72
80
5
15/15
100/100
10/10
81
WRD482424YD-3W
48
36-72
80
5
24/24
62/62
6/6
82
*Input voltage can't exceed this value, or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRD
D
D
D
D
D
D
D
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------3
3
3
3
3
3
3
3W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③1st Output Voltage
④2nd Output Voltage
⑤Wide (2:1) Input Range
⑥Package Style
⑦Rated Power
3W,
3W,
3W,
3W, WIDE
WIDE
WIDE
WIDE INPUT
INPUT
INPUT
INPUT ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED TWIN
TWIN
TWIN
TWIN OUTPUT
OUTPUT
OUTPUT
OUTPUT DIP
DIP
DIP
DIP DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
2:1 wide input voltage range
Twin output
Operating temperature: -40℃ to + 85℃
UL94-V0 package
No external component required
Industry standard pinout
Short circuit protection(automatic recovery)
Five-sided metal shielding(WRD-YD)
MTBF>1,000,000 hours
No heat sink required
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The WRD_YD-3W series are specially designed for
applications where a wide range input voltage power
supplies are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1)Where the voltage of the input power supply is wide
range (voltage range≤2:1);
2)Where isolation is necessary between input and
output (Isolation Voltage≤1500VDC);
3)Where isolation is necessary between Vout1 and
Vout2 (Isolation Voltage≤1000VDC);
4)Where the regulation of the output voltage and the
output ripple noise are demanded.
MICRODC reserves the copyright
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free Air Convection
Case Material
Plastic (UL94-V0)
Short circuit protection
Continuous, Automatic Recovery
MTBF
1000
K hours
Weight
15
g


Similar Part No. - WRD480505YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRD480505YKD-6W MICRODC-WRD480505YKD-6W Datasheet
931Kb / 3P
   6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
WRD480505YS-1W MICRODC-WRD480505YS-1W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
WRD480505YS-2W MICRODC-WRD480505YS-2W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
More results

Similar Description - WRD480505YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YT-3W MICRODC-WRB-YT-3W Datasheet
465Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB-YMD-20W MICRODC-WRB-YMD-20W Datasheet
514Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDSingleOutputDC/DCConverter
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
   WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com