Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRD120505YS-1W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRD120505YS-1W
Description  1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRD120505YS-1W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRD120505YS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRD120505YS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRD120505YS-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRD
WRD
WRD
WRD
WRD
WRD
WRD
WRD----
----YS
YS
YS
YS
YS
YS
YS
YS----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W&
&
&
&
&
&
&
&WRD
WRD
WRD
WRD
WRD
WRD
WRD
WRD----
----YS
YS
YS
YS
YS
YS
YS
YS----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp.rise at full load
15
No-load power consumption
0.1
W
Case material
Plastic(UL94-V0)
Short circuit protection
Continuous
Cooling
Free air convection
MTBF
1000
K hours
Weight
5.8
g
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max
Unit
Main output voltage accuracy
Refer to recommended circuit
±1
±3
%
Vice output voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
10% to 100% full load
±0.5
±1 *
%
Line regulat ion
Input voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise**
20MHz Bandwidth
50
100
mVp-p
Switching frequency
100% load, input voltage range
300
KHz
*Dual output models unbalanced load: ±5%.
** Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
V
V
V
Vout
out
out
out
2W
2W
2W
2W ::::C
C
C
Cout
out
out
out
1W
1W
1W
1W ::::Cout
Cout
Cout
Cout
(VDC)
(μF)
(μF)
5
680
470
9
470
330
12
330
220
24
220
100
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than 71
71
71
71°°°°C,
C,
C,
C, the
the
the
the product
product
product
product
output
output
output
output power
power
power
power should
should
should
should be
be
be
be less
less
less
less th
th
th
tha
a
a
an
n
n
n 60%
60%
60%
60% of
of
of
of the
the
the
the rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
1)
1)
1)
1) CS
CS
CS
CS Pin
Pin
Pin
Pin
By connecting a
low ESR capacitor between
this
terminal and
the pin-7(Figure
1),
the output
ripple and noise may be further improved. Generally, the capacitance is no greater than 47uF.
2)
2)
2)
2) Requirement
Requirement
Requirement
Requirement on
on
on
on Output
Output
Output
Output Load
Load
Load
Load
To
ensure
this module
can
operate
efficiently
and
reliably,
During
operation,
the minimum
output
load
is
not
less
than
10%
of
the
full
load,
If
the
actual
load
is
less
than
the
specified
minimum
load,
the
output
ripple may
increase
sharply.
If
the actual output
power
is very
small,
please
add
an
appropriate
resistor
as
extra
loading,
or
contact
our
company
for
other
lower
output
power
products.
3)
3)
3)
3) Recommended
Recommended
Recommended
Recommended Circuit
Circuit
Circuit
Circuit
If you want to
further decrease
the
input/output ripple, you can
increase capacitance properly
or choose capacitors with low ESR (Figure 1).
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too
big,
a startup problem might
arise. For
every
channel
of
output, provided
the
safe
and
reliable
operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1)
Cin:
5V & 12V
100μF
24V & 48V
10μF-47μF
Lin:
10μH-120μH
Cout: 100μF(TYP)
4)
4)
4)
4) Input
Input
Input
Input current
current
current
current
While using unstable power source, please ensure the output voltage and ripple voltage do not
exceed
indexes
of
the
converter.
The
preceding
power
source
must
be
able
to
provide
for
converter sufficient starting current Ip (Figure 2). General:
Ip ≤1.4*Iin-max
5)
5)
5)
5) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE


Similar Part No. - WRD120505YS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRD120505YD-3W MICRODC-WRD120505YD-3W Datasheet
651Kb / 3P
   3W,WIDE INPUT ISOLATED & REGULATEDTWINOUTPUT DIPDC-DCCONVERTER
WRD120505YKD-6W MICRODC-WRD120505YKD-6W Datasheet
931Kb / 3P
   6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
More results

Similar Description - WRD120505YS-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
logo
GAPTEC Electronic GmbH ...
1T8W GAPTEC-1T8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
D-XNS-2W MICRODC-D-XNS-2W Datasheet
597Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
GAPTEC Electronic GmbH ...
1D8W GAPTEC-1D8W Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
D-XS-2W MICRODC-D-XS-2W Datasheet
745Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
GAPTEC Electronic GmbH ...
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com