Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRD050505YD-3W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRD050505YD-3W
Description  3W,WIDE INPUT ISOLATED & REGULATEDTWINOUTPUT DIPDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRD050505YD-3W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRD050505YD-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRD050505YD-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRD050505YD-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W
WRD-YD-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output, 100KHz/1V
100
pF
*Supply voltage must be discontinued at the end of short circuit duration.
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
1)
1)
1)
1) Requirement
Requirement
Requirement
Requirement On
On
On
On Output
Output
Output
Output Load
Load
Load
Load
In
order
to
ensure
the
product
operate
efficiently
and
reliably,
in
addition
to
a max
load (namely
full
load), a minimum
load
is
specified
for
this kind
of DC/DC converter. Make sure the specified
range
of
input voltage
is not exceeded,
the minimum output
load no
less
than
10%
load.
If
the
actual
load
is
less
than
the specified minimum
load,
the
output
ripple may increase
sharply
while
its
efficiency
and
reliability
will
reduce
greatly.
If
the
actual
output power
is
very
small,
please
add
an
appropriate
resistor
as
extra
loading,
or
contact
our company for other lower output power products.
2)
2)
2)
2) Recommended
Recommended
Recommended
Recommended Circuit
Circuit
Circuit
Circuit
All
the WRD-YD-3W Series have been
tested
according
to
the
following
recommended testing circuit before
leaving factory. This series should be tested under load (see Figure 1).
If
you
want
to
further
decrease
the
input/output
ripple,
you
can
increase
capacitance
properly
or
choose
capacitors with
low
ESR. However,
the
capacitance
should
not
be
too high,
or may
cause
start-up
problem.
If
you want
to
use
the
products
in
high
EMI,
please choose our metal packaged
products (WRD_YD-3W). For every channel of output, provided the safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees
(Table 1). General:
Cin:
5V,12V
100µF
24V&48V
22µF/10µF
Cout: 10µF/100mA
3)
3)
3)
3) Input
Input
Input
Input Current
Current
Current
Current
While using unstable power source, please ensure the output voltage and ripple voltage do not exceed indexes of the
converter. The preceding power source must be able to provide for converter sufficient starting current Ip (Figure 2).
General: Ip≤1.4*Iin-max
4)
4)
4)
4) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
EXTERNAL CAPACITOR TABLE (TABLE 1)
Output
Output
Output
Output
Output
Output
Output
Output External
External
External
External
External
External
External
External Capacitor
Capacitor
Capacitor
Capacitor
Capacitor
Capacitor
Capacitor
Capacitor Table
Table
Table
Table
Table
Table
Table
Table (Table
(Table
(Table
(Table
(Table
(Table
(Table
(Table 1)
1)
1)
1)
1)
1)
1)
1)
Vout(VDC)
Vout(VDC)
Vout(VDC)
Vout(VDC)
Cout(uF)
Cout(uF)
Cout(uF)
Cout(uF)
5
680
9
470
12
330
15
220
24
100
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
Refer to product program
0.3
3
W
Main output voltage accuracy
Refer to recommended circuit
±1
±3
%
Vice-output voltage accuracy
Refer to recommended circuit
±3
±5
Load regulation
From 10% to 100% load
±0.5
±1*
Line regulation
Input voltage from low to high
±0.2
±0.5
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/℃
Ripple**
20MHz Bandwidth
20
50
mVp-p
Noise**
20MHz Bandwidth
75
150
Switching frequency
100% load, input voltage range
300
KHz
*Dual output models unbalanced load: ±5%.
**Test ripple and noise by “parallel cable”method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRD050505YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRD050505YS-1W MICRODC-WRD050505YS-1W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
WRD050505YS-2W MICRODC-WRD050505YS-2W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
More results

Similar Description - WRD050505YD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YT-3W MICRODC-WRB-YT-3W Datasheet
465Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB-YMD-20W MICRODC-WRB-YMD-20W Datasheet
514Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDSingleOutputDC/DCConverter
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
   WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com