Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1212YDK-3W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB1212YDK-3W
Description  3W,Wide Input,ISOLATED®ULATEDSINGLEOUTPUT DC/DCConverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB1212YDK-3W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB1212YDK-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB1212YDK-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB1212YDK-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRB1212YDK-3W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
Recommended input & output capacitors
Although these converters will work without external capacitors, they are necessary in order to guarantee the full parametric performance over the full line
and load range. All parts have been tested and characterized using the following values and test circuit.
Input Voltage
CIN
Output Voltage
COUT
LOUT
5V, 12V
100µF,25V(0.25Ωat 100KHz)
3.3V
100µF, 25V (0.25Ω at 100KHz)
MPS# - 24100C
24V, 48V
10µF,100V(1.5Ωat 100KHz)
5V, 12V, 15V
Not required
Test circuit, 5V, 12V and 15V output
Recommended circuit for reduced ripple 3.3V output
Output load
The minimum rated load across the whole input voltage range is 25% of the full load output. It is important to take care that the load does not fall below
this as the output ripple will greatly increase. While this condition will not harm the device the resultant increase in output ripple could cause customers’
application to malfunction.
NDY05
NDY05
NDY05
NDY05
NDY05
NDY05
NDY05
NDY05 POWER
POWER
POWER
POWER
POWER
POWER
POWER
POWER DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
Input voltage (V)


Similar Part No. - WRB1212YDK-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB1212YD-12W MICRODC-WRB1212YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRB1212YD-20W MICRODC-WRB1212YD-20W Datasheet
1Mb / 3P
   20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
WRB1212YD-2W MICRODC-WRB1212YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB1212YD-30W MICRODC-WRB1212YD-30W Datasheet
1Mb / 3P
   30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
WRB1212YD-3W MICRODC-WRB1212YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB1212YDK-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YT-3W MICRODC-WRB-YT-3W Datasheet
465Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com