Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3300 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3300
Description  High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3300 Datasheet(HTML) 5 Page - Analog Devices

  ADP3300 Datasheet HTML 1Page - Analog Devices ADP3300 Datasheet HTML 2Page - Analog Devices ADP3300 Datasheet HTML 3Page - Analog Devices ADP3300 Datasheet HTML 4Page - Analog Devices ADP3300 Datasheet HTML 5Page - Analog Devices ADP3300 Datasheet HTML 6Page - Analog Devices ADP3300 Datasheet HTML 7Page - Analog Devices ADP3300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADP3300
–5–
REV. A
TIME – µs
3.220
3.180
0
200
20
40
60
80 100 120 140 160 180
3.210
3.200
7.5
7.0
3.190
RL = 64Ω
CL = 0.47µF
VOUT = 3.2V
Figure 12. Line Transient Response
TIME – sec
200
0
05
12
34
150
100
3.0
0
50
IOUT
VOUT = 3.0V
VOUT
VIN = 7V
Figure 15. Short Circuit Current
FREQUENCY – Hz
0
–100
10
100
10M
1k
10k
100k
1M
–10
–60
–70
–80
–90
–20
–30
–50
–40
a. 0.47µF, RL = 33kΩ
b. 0.47µF, RL = 64Ω
c. 4.7µF, RL = 33kΩ
d. 4.7µF, RL = 64Ω
b d
a c
b
d
a
c
VOUT = 3.3V
Figure 18. Power Supply Ripple
Rejection
TIME – µs
3.220
3.180
0
200
20
40
60
80 100 120 140 160 180
3.210
3.200
7.5
7.0
3.190
RL = 3.2kΩ
CL = 0.47µF
VIN
VOUT = 3.2V
Figure 11. Line Transient Response
TIME – µs
3.220
3.190
0
1000
200
400
600
800
3.205
3.200
50
1
3.195
VOUT = 3.2V
CL = 4.7µF
IOUT = 50mA
1mA
Figure 14. Load Transient
TIME – µs
2
0
0
100
20
40
60
80
1
0
4
3
3
VOUT = 3.2V
RL = 64Ω
CL = 0.47µF
3.2V
V
Figure 17. Turn Off
TIME – µs
3.220
3.190
0
1000
200
400
600
800
3.205
3.200
50
1
3.195
VOUT = 3.2V
CL = 0.47µF
IOUT = 50mA
1mA
Figure 13. Load Transient
TIME –
s
2
0
0
100
20
40
60
80
1
0
4
3
+3
VOUT = 3.2V
RL = 64Ω
VOUT
CL = 0.47µF
3.2V
CL = 4.7µF
V
+3V
Figure 16. Turn On
FREQUENCY – Hz
10
1
0.01
100
1k
100k
10k
0.1
0.47µF BYPASS
PIN 5 TO PIN 1
VOUT = 3.3V, CL = 0.47µF,
I
L = 1mA, CNR = 0
VOUT = 5V, CL = 0.47µF,
I
L = 1mA, CNR = 0
VOUT = 2.7-5.0V, CL = 0.47µF,
I
L = 1mA, CNR = 10nF
VOUT = 2.7-5.0V, CL = 0.47µF,
I
L = 1mA, CNR = 10nF
Figure 19. Output Noise Density


Similar Part No. - ADP3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
135Kb / 8P
   High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV. A
ADP3300 AD-ADP3300 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300 AD-ADP3300 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results

Similar Description - ADP3300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300ARTZ-5REEL7 AD-ADP3300ARTZ-5REEL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3300ART-3-REEL7 AD-ADP3300ART-3-REEL7 Datasheet
123Kb / 8P
   High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com