Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB0515YDK-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB0515YDK-3W
Description  3W,Wide Input,ISOLATED®ULATEDSINGLEOUTPUT DC/DCConverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB0515YDK-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB0515YDK-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB0515YDK-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB0515YDK-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRB0515YDK-3W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W
WRB-YDK-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
Order
Order
Order
Order Code
Code
Code
Code
Nominal
Nominal
Nominal
Nominal
Input
Input
Input
Input
Voltage
Voltage
Voltage
Voltage
Rated
Rated
Rated
Rated
Output
Output
Output
Output
Voltage
Voltage
Voltage
Voltage
Output
Output
Output
Output Current
Current
Current
Current1111
Input
Input
Input
Input
Current
Current
Current
Current
Full
Full
Full
Full load
load
load
load
Ef
Ef
Ef
Efffffcienc
cienc
cienc
cienc2222
(Min.)
(Min.)
(Min.)
(Min.)
Isolation
Isolation
Isolation
Isolation
Capacitance
Capacitance
Capacitance
Capacitance
MTTF
MTTF
MTTF
MTTF3333
Min.Load
Full Load
V (nom.)
V
mA
mA
mA
%
pF
kHrs
WRB0505YDK-3W
5
5
100-150
400-600
615
66
40
1939
WRB0509YDK-3W
5
9
55-83
222-333
563
72
52
1926
WRB0512YDK-3W
5
12
42-62
166-250
548
71
43
1907
WRB0515YDK-3W
5
15
33-50
133-200
533
73
44
1924
WRB1205YDK-3W
12
5
150
600
362
71
36
1928
WRB1209YDK-3W
12
9
83
333
320
78
52
1916
WRB1212YDK-3W
12
12
62
250
316
78
44
1897
WRB1215YDK-3W
12
15
50
200
308
79
47
1914
WRB2403YDK-3W
24
3.3
227
909
178
70
30
1671
WRB2405YDK-3W
24
5
150
600
174
70
36
1673
WRB2409YDK-3W
24
9
83
333
156
78
52
1663
WRB2412YDK-3W
24
12
62
250
154
80
44
1644
WRB2415YDK-3W
24
15
50
200
150
82
54
1657
WRB4803YDK-3W
48
3.3
227
909
87
71
30
1676
WRB4805YDK-3W
48
5
150
600
87
73
35
1668
WRB4809YDK-3W
48
9
83
333
78
80
52
1663
WRB4812YDK-3W
48
12
62
250
77
81
44
1648
WRB4815YDK-3W
48
15
50
200
76
81
53
1661
ge can’t exceed this value,or will cause the permanent damage.
3W
3W
3W
3W,,,,Wide
Wide
Wide
Wide Input
Input
Input
Input,,,,ISOLATED&REGULATED
ISOLATED&REGULATED
ISOLATED&REGULATED
ISOLATED&REGULATED SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC/DC
DC/DC
DC/DC
DC/DC Converters
Converters
Converters
Converters
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Industry standard footprint
Effciency to 82%
Power density 0.90W/cm3
2:1 wide input range
Single isolated output
Short circuit protection
Low profile 24 pin case
UL 94V-0 package material
Operating temperature range -40℃ to 85℃
No heatsink required
Footprint 4.73cm
5V, 12V, 24V & 48V input
3.3V, 5V, 9V, 12V & 15V output
Internal SMD construction
Fully encapsulated
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
Models
Models
Models
Models
Models
Models
Models
Models
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
DK
K
K
K
--------3
3
3
3
3
3
3
3W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④2:1Wide Input Range
⑤DIP24k Package Style ⑥ Rated Power
The WRB-YDK-3W series is a range of low profile DC/DC
converters offering a single regulated output over a 2:1 input
voltage range. All parts deliver 3W output power up to 85 ℃
without heatsinking, except the 4.5V to 9V input voltage
range which should be derated to 2W at the lower input
voltage. A flyback oscillator design with isolated feedback is
used to give regulation over the full operating range of 25%
to 100% of full load. It is strongly recommended that external
capacitors be used on input and output to guarantee
performance over full load and input voltage range.
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT
INPUT CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
All WRB05XX
4.5
5
9
VDC
All WRB12XX
9
12
18
VDC
All WRB24XX
18
24
36
VDC
All WRB48XX
36
48
72
VDC
Reflected ripple
current2
WRB2403
180
360
mA p-p
WRB4803
140
290
mA p-p
All WRB05XX
400
500
mA p-p
All WRB12XX
150
170
mA p-p
All other WRB24XX
290
360
mA p-p
All other WRB48XX
100
127
mA p-p
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS
Short-circuit protection
Continuous
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum load
25% of rated load
Input voltage 05 types
10V
Input voltage 12 types
20V
Input voltage 24 types
40V
Input voltage 48 types
80V
Internal dissipation
1.7W
1.Refer to power derating graph.
2.Measured at full load with external input/output capacitors, refer to filter circuit 1.
3.Calculated using MIL-HDBK-217F with nominal input voltage at full load (ground benign) at 25°C.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise
specified


Similar Part No. - WRB0515YDK-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB0515YD-3W MICRODC-WRB0515YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB0515YD-6W MICRODC-WRB0515YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB0515YD-8W MICRODC-WRB0515YD-8W Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB0515YDV-3W MICRODC-WRB0515YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - WRB0515YDK-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YT-3W MICRODC-WRB-YT-3W Datasheet
465Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com