Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2405ZT-1W5 Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB2405ZT-1W5
Description  1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2405ZT-1W5 Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB2405ZT-1W5 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2405ZT-1W5 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2405ZT-1W5 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5
WRA-ZT-1W5&WRB-ZT-1W5 S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
1.
The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3.
Capacitor MAX load tested at input voltage range and full load.
4.
All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5.
Only typical models listed, other models may be different, please contact our technical person for more details.
6.
In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - WRB2405ZT-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2405ZD-1W5 MICRODC-WRB2405ZD-1W5 Datasheet
665Kb / 3P
   1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2405ZD-3W MICRODC-WRB2405ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2405ZD-4W MICRODC-WRB2405ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2405ZD-5W MICRODC-WRB2405ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2405ZD-6W MICRODC-WRB2405ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB2405ZT-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWA2405LT-1W5 MORNSUN-PWA2405LT-1W5_10 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
logo
Microdc power Technolog...
WRA-ZD-1W5 MICRODC-WRA-ZD-1W5 Datasheet
665Kb / 3P
   1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
   6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205YMD-6WR3 MORNSUN-VRA1205YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com