Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1203YD-30W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB1203YD-30W
Description  30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB1203YD-30W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB1203YD-30W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB1203YD-30W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB1203YD-30W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YD
YD
YD
YD
YD
YD
YD
YD -30W
-30W
-30W
-30W
-30W
-30W
-30W
-30W Series
Series(2
(2.
.16)
16)
3
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
Note:
Unit:mm[inch]
Pin diameter:1.00mm[0.039inch]
Pin diameter tolerances:±0.05mm[±0.002inch]
General tolerances:±0.25mm[±0.010inch]
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
RECOMMENDED FOOTPRINT
Top view grid:2.54mm(0.1inch)
diameter:1.50mm(0.059inch)
Pin
Single
1
Vin
2
GND
3
Ctrl
4
Trim
5
0V
6
+Vo
Note: The CTRL control pin voltage is referenced to GND
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Note:
1. The CTRL control pin voltage is referenced to GND.
2. Typical efficiency value at nominal input voltage and full load.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise
specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Capacitor MAX load tested at nominal input voltage and constant resistive load.
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:±0.250mm[±0.010inch]
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than
71
71
71
71℃,,,, the
the
the
the product
product
product
product output
output
output
output power
power
power
power should
should
should
should be
be
be
be less
less
less
less
then
then
then
then 60%
60%
60%
60% of
of
of
of the
the
the
the rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Use
Use
Use
Use dual
dual
dual
dual output
output
output
output simultaneously,forbid
simultaneously,forbid
simultaneously,forbid
simultaneously,forbid pening
pening
pening
pening
output
output
output
output pin
pin
pin
pin (0V)
(0V)
(0V)
(0V) to
to
to
to use
use
use
use as
as
as
as single
single
single
single output.
output.
output.
output.


Similar Part No. - WRB1203YD-30W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB1203YD-3W MICRODC-WRB1203YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB1203YD-30W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB1203YMD-4500 MICRODC-WRB1203YMD-4500 Datasheet
512Kb / 2P
   Wide Input,Isolated & Regulated SingleOutputDC/DC Converter
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
logo
GAPTEC Electronic GmbH ...
30POEX GAPTEC-30POEX Datasheet
1Mb / 3P
   30W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com