Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4805YT-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB4805YT-2W
Description  2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4805YT-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB4805YT-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4805YT-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB4805YT-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W
WRA-YT-2W&WRB-YT-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Order code
Input voltage
range
Output voltage
Output current
max.
Efficiency typ.
WRB0503YT-500
4.5 – 9.0 VDC
3.3 VDC
500 mA
70 %
WRB0505YT-2W
4.5 – 9.0 VDC
5 VDC
400 mA
73 %
WRB0512YT-2W
4.5 – 9.0 VDC
12VDC
165 mA
75 %
WRB0515YT-2W
4.5 – 9.0 VDC
15 VDC
135 mA
73 %
WRA0505YT-2W
4.5 – 9.0 VDC
± 5 VDC
± 200 mA
64 %
WRA0512YT-2W
4.5 – 9.0 VDC
± 12 VDC
± 85 mA
69 %
WRA0515YT-2W
4.5 – 9.0 VDC
± 15 VDC
± 65 mA
71 %
WRB1203YT-500
9 – 18 VDC
3.3 VDC
500 mA
73 %
WRB1205YT-2W
9 – 18 VDC
5 VDC
400 mA
77 %
WRB1212YT-2W
9 – 18 VDC
12VDC
165 mA
80 %
WRB1215YT-2W
9 – 18 VDC
15 VDC
135 mA
80 %
WRA1205YT-2W
9 – 18 VDC
± 5 VDC
± 200 mA
73 %
WRA1212YT-2W
9 – 18 VDC
± 12 VDC
± 85 mA
78 %
WRA1215YT-2W
9 – 18 VDC
± 15 VDC
± 65 mA
78 %
WRB2403YT-500
18 – 36 VDC
3.3 VDC
500 mA
72 %
WRB2405YT-2W
18 – 36 VDC
5 VDC
400 mA
77 %
WRB2412YT-2W
18 – 36 VDC
12VDC
165 mA
80 %
WRB2415YT-2W
18 – 36 VDC
15 VDC
135 mA
81 %
WRA2405YT-2W
18 – 36 VDC
± 5 VDC
± 200 mA
74 %
WRA2412YT-2W
18 – 36 VDC
± 12 VDC
± 85 mA
78 %
WRA2415YT-2W
18 – 36 VDC
± 15 VDC
± 65 mA
80 %
WRB4803YT-500
36 – 72 VDC
3.3 VDC
500 mA
71 %
WRB4805YT-2W
36 – 72 VDC
5 VDC
400 mA
73 %
WRB4812YT-2W
36 – 72 VDC
12VDC
165 mA
79 %
WRB4815YT-2W
36 – 72 VDC
15 VDC
135 mA
79 %
WRA4805YT-2W
36 – 72 VDC
± 5 VDC
± 200 mA
71 %
WRA4812YT-2W
36 – 72 VDC
± 12 VDC
± 85 mA
77 %
WRA4815YT-2W
36 – 72 VDC
± 15 VDC
± 65 mA
77 %
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRB
B
B
B
B
B
B
B
12
12
12
12
12
12
12
12
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
T
T
T
T
T
T
T
T
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W(400)
(400)
(400)
(400)
(400)
(400)
(400)
(400)
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤Package Style ⑥Rated Power(Output current)
2
2
2
2W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC/DC
DC/DC
DC/DC
DC/DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Low Profile SMD-Package
Wide 2:1 Input Voltage Range
I/O-Isolation 1500 VDC
Input Filter meets EN55022, Class A
Operating Temperature Range -40°C to +71°C
Short-Circuit Protection
Lead free Design, RoHS compliant
3 Year Product Warranty
RoHS Compliance
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRA-YT-2W&WRB-YT-2W series is a family of high
performance 2W DC/DC converter modules featuring wide
2:1 input voltage ranges. The 28 models come in a low
profile SMD package which requires just 3 cm2 space on
the
PCB.
A
high
efficiency
allows
an
operating
temperature range of –40°C to 71°C without derating. A
built-in EMI input filter complies with EN 55022, class A.
Typical applications for these converters are battery
operated equipment, instrumentation, communication and
industrial electronics, everywhere where isolated, tightly
regulated voltages are required.
MICRODC reserves the copyright


Similar Part No. - WRB4805YT-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4805YT-3W MICRODC-WRB4805YT-3W Datasheet
465Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
More results

Similar Description - WRB4805YT-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB-YD-30W MICRODC-WRB-YD-30W Datasheet
1Mb / 3P
   30W,WIDE INPUT, DIPPACKAGE,ISOLATED®ULATED SINGLEOUTPUTDC-DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB1203YMD-4500 MICRODC-WRB1203YMD-4500 Datasheet
512Kb / 2P
   Wide Input,Isolated & Regulated SingleOutputDC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com