Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA4809YD-4W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA4809YD-4W
Description  4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA4809YD-4W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA4809YD-4W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA4809YD-4W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA4809YD-4W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W
WRA-YD-4W&WRB-YD-4W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Order code
Input
Output
Voltage(VDC)
Voltage
Current max.
Nominal
Range
WRB1203YD-1000
12
9VDC - 18VDC
3.3VDC
1000mA
WRB1205YD-4W
12
9VDC - 18VDC
5VDC
800mA
WRB1207YD-4W
12
9VDC - 18VDC
7.2VDC
556mA
WRB1209YD-4W
12
9VDC - 18VDC
9VDC
444mA
WRB1212YD-4W
12
9VDC - 18VDC
12VDC
333mA
WRB1215YD-4W
12
9VDC - 18VDC
15VDC
267mA
WRB1218YD-4W
12
9VDC - 18VDC
18VDC
222mA
WRB1224YD-4W
12
9VDC - 18VDC
24VDC
167mA
WRB2403YD-1000
24
18VDC - 36VDC
3.3VDC
1000mA
WRB2405YD-4W
24
18VDC - 36VDC
5VDC
800mA
WRB2407YD-4W
24
18VDC - 36VDC
7.2VDC
556mA
WRB2409YD-4W
24
18VDC - 36VDC
9VDC
444mA
WRB2412YD-4W
24
18VDC - 36VDC
12VDC
333mA
WRB2415YD-4W
24
18VDC - 36VDC
15VDC
267mA
WRB2418YD-4W
24
18VDC - 36VDC
18VDC
222mA
WRB2424YD-4W
24
18VDC - 36VDC
24VDC
167mA
WRB4803YD-1000
48
36VDC - 72VDC
3.3VDC
1000mA
WRB4805YD-4W
48
36VDC - 72VDC
5VDC
800mA
WRB4807YD-4W
48
36VDC - 72VDC
7.2VDC
556mA
WRB4809YD-4W
48
36VDC - 72VDC
9VDC
444mA
WRB4812YD-4W
48
36VDC - 72VDC
12VDC
333mA
WRB4815YD-4W
48
36VDC - 72VDC
15VDC
267mA
WRB4818YD-4W
48
36VDC - 72VDC
18VDC
222mA
WRB4824YD-4W
48
36VDC - 72VDC
24VDC
167mA
WRA1203YD-500
12
9VDC - 18VDC
±3.3VDC
±500mA
WRA1205YD-4W
12
9VDC - 18VDC
±5VDC
±400mA
WRA1207YD-4W
12
9VDC - 18VDC
±7.2VDC
±278mA
WRA1209YD-4W
12
9VDC - 18VDC
±9VDC
±222mA
WRA1212YD-4W
12
9VDC - 18VDC
±12VDC
±167mA
WRA1215YD-4W
12
9VDC - 18VDC
±15VDC
±133mA
WRA1218YD-4W
12
9VDC - 18VDC
±18VDC
±111mA
WRA1224YD-4W
12
9VDC - 18VDC
±24VDC
±83mA
WRA2403YD-500
24
18VDC - 36VDC
±3.3VDC
±500mA
WRA2405YD-4W
24
18VDC - 36VDC
±5VDC
±400mA
WRA2407YD-4W
24
18VDC - 36VDC
±7.2VDC
±278mA
WRA2409YD-4W
24
18VDC - 36VDC
±9VDC
±222mA
WRA2412YD-4W
24
18VDC - 36VDC
±12VDC
±167mA
WRA2415YD-4W
24
18VDC - 36VDC
±15VDC
±133mA
WRA2418YD-4W
24
18VDC - 36VDC
±18VDC
±111mA
WRA2424YD-4W
24
18VDC - 36VDC
±24VDC
±83mA
WRA4803YD-500
48
36VDC - 72VDC
±3.3VDC
±500mA
WRA4805YD-4W
48
36VDC - 72VDC
±5VDC
±400mA
WRA4807YD-4W
48
36VDC - 72VDC
±7.2VDC
±278mA
WRA4809YD-4W
48
36VDC - 72VDC
±9VDC
±222mA
WRA4812YD-4W
48
36VDC - 72VDC
±12VDC
±167mA
WRA4815YD-4W
48
36VDC - 72VDC
±15VDC
±133mA
WRA4818YD-4W
48
36VDC - 72VDC
±18VDC
±111mA
WRA4824YD-4W
48
36VDC - 72VDC
±24VDC
±83mA
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
24
24
24
24
24
24
24
24
15
15
15
15
15
15
15
15
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------4
4
4
4
4
4
4
4W
W
W
W
W
W
W
W(267)
(267)
(267)
(267)
(267)
(267)
(267)
(267)
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤DIP24 Package Style
⑥Rated Power(Output current)
4
4
4
4W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC
DC
DC
DC----DC
DC
DC
DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide (2:1) Input Range
24Pin DIP Package
1500VDC Isolation
Operating Temperature: -40℃~﹢85℃
High Efficiency Up To 83%
Low Profile Metal Package
Continuous Short Circuit Protection
Pin-Compatible With Multiple Manufacturers
RoHS Compliance
MTBF>1000Khours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The WRA_YD-4W & WRB_YD-4W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.These
products apply to:
1)
Where the voltage of the input power
supply is wide range (Voltage range≤2:1);
2)
Where isolation is necessary between
input
and
output
(Isolation
voltage≤1500VDC);
3)
Where the regulation of the Output voltage
and the output ripple noise are demanded.


Similar Part No. - WRA4809YD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA4809YMD-10W MICRODC-WRA4809YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
More results

Similar Description - WRA4809YD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-4W MICRODC-WRE-YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com