Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4805ZD-1W5 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB4805ZD-1W5
Description  1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB4805ZD-1W5 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB4805ZD-1W5 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB4805ZD-1W5 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB4805ZD-1W5 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5
WRA-ZD-1W5&WRB-ZD-1W5 S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Order code
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
No-load
(mA)(typ.)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max.*
Max.
Min.
WRA2405ZD-1W5
24
9-36
40
16
±5
±150
±15
74
WRA2412ZD-1W5
24
9-36
40
16
±12
±63
±6
78
WRA2415ZD-1W5
24
9-36
40
16
±15
±50
±5
79
WRB2403ZD-1W5
24
9-36
40
16
3.3
455
45
72
WRB2405ZD-1W5
24
9-36
40
16
5
300
30
74
WRB2409ZD-1W5
24
9-36
40
16
9
167
17
76
WRB2412ZD-1W5
24
9-36
40
16
12
125
12
78
WRB2415ZD-1W5
24
9-36
40
16
15
100
10
80
WRA4805ZD-1W5
48
18-72
80
8
±5
±150
±15
74
WRA4812ZD-1W5
48
18-72
80
8
±12
±63
±6
78
WRA4815ZD-1W5
48
18-72
80
8
±15
±50
±5
80
WRB4803ZD-1W5
48
18-72
80
8
3.3
455
45
72
WRB4805ZD-1W5
48
18-72
80
8
5
300
30
74
WRB4809ZD-1W5
48
18-72
80
8
9
167
17
76
WRB4812ZD-1W5
48
18-72
80
8
12
125
12
78
WRB4815ZD-1W5
48
18-72
80
8
15
100
10
80
* Input voltage over it may cause permanent damage to the device.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA
24
24
24
24
24
24
24
24
12
12
12
12
12
12
12
12
Z
Z
Z
Z
Z
Z
Z
Z
D
D
D
D
D
D
D
D
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W5
5
5
5
5
5
5
5
①Product Series
②Input Voltage
③Output Voltage
④Wide (4:1) Input Range
⑤DIP24 Package
⑥Rated Power
1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
DIP24 package
Wide input voltage range(4:1)
Operating temperature: -40℃ ~ +85℃
1500VDC Input/Output isolation
Short circuit protection(automatic recovery)
Internal SMD construction
No external component required
No heat sink required
Industry standard pinout
Five-sided shielding package
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The
WRA_ZD-1W5&WRB_ZD-1W5
series
are
specially designed for applications where a wide
range input voltage power supplies are isolated from
the input power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide
range (voltage range≤4:1);
2) Where isolation is necessary between input and
output (Isolation Voltage≤1500VDC);
3) Where the regulation of the output voltage and the
output ripple noise are demanded.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic(UL94-V0)
or
Stainless steel
Short circuit protection
Continuous, automatic recovery
MTBF
1000
K hours
Weight
15
g
MICRODC
MICRODC
MICRODC
MICRODC reserves
reserves
reserves
reserves the
the
the
the copyright
copyright
copyright
copyright
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output, 100KHz/1V
100
pF


Similar Part No. - WRB4805ZD-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB4805ZD-3W MICRODC-WRB4805ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB4805ZD-4W MICRODC-WRB4805ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB4805ZD-5W MICRODC-WRB4805ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB4805ZD-6W MICRODC-WRB4805ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB4805ZD-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZT-1W5 MICRODC-WRA-ZT-1W5 Datasheet
515Kb / 3P
   1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
logo
MORNSUN Science& Techno...
PWA2405LT-1W5 MORNSUN-PWA2405LT-1W5_10 Datasheet
278Kb / 3P
   1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com