Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA-ZMD-6W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA-ZMD-6W
Description  6W, 4:1 WIDE INPUT, ISOLATED & REGULATED DUAL & SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA-ZMD-6W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA-ZMD-6W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA-ZMD-6W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA-ZMD-6W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W
WRA-ZMD-6W&WRB-ZMD-6W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Order code
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max.*
Max.
Min.
WRA2405ZMD-6W
24
9-36
40
±5
±600
±60
80
WRA2412ZMD-6W
24
9-36
40
±12
±250
±25
82
WRA2415ZMD-6W
24
9-36
40
±15
±200
±20
84
WRA2424ZMD-6W
24
9-36
40
±24
±125
±13
82
WRB2405ZMD-6W
24
9-36
40
5
1200
120
80
WRB2412ZMD-6W
24
9-36
40
12
500
50
82
WRB2415ZMD-6W
24
9-36
40
15
400
40
84
WRB2424ZMD-6W
24
9-36
40
24
250
25
82
WRA4805ZMD-6W
48
18-72
80
±5
±600
±60
80
WRA4812ZMD-6W
48
18-72
80
±12
±250
±25
82
WRA4815ZMD-6W
48
18-72
80
±15
±200
±20
84
WRB4805ZMD-6W
48
18-72
80
5
1200
120
80
WRB4812ZMD-6W
48
18-72
80
12
500
50
82
WRB4815ZMD-6W
48
18-72
80
15
400
40
84
*Input voltage can't exceed this value, or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA
24
24
24
24
24
24
24
24
05
05
05
05
05
05
05
05
Z
Z
Z
Z
Z
Z
Z
Z
M
M
M
M
M
M
M
M
D
D
D
D
D
D
D
D
--------6
6
6
6
6
6
6
6W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage 1st
④Wide (4:1) Input Range
⑤Metal Shield
⑥DIP Package Style
⑦Rated Power
6W, 4:1 WIDE INPUT, ISOLATED & REGULATED DUAL & SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
DIP package
1500VDC isolation
Short circuit protection (automatic recovery)
Operating temperature: -40℃ to +85℃
Internal SMD construction
Metal shielding package
Industry standard pinout
No heat sink required
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The WRA_ZMD-6W & WRB_ZMD-6W Series are
specially designed for applications where a wide range
input voltage power supplies are isolated from the
input power supply in a distributed power supply system
on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide
range (voltage range≤4:1);
2) Where isolation is necessary between input and
output(isolation voltage≤1500VDC);
3) Where the regulation of the output voltage and the
output ripple noise are demanded.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Aluminum
MTBF
1000
K hours
Weight
15
g
MICRODC
MICRODC
MICRODC
MICRODC reserves
reserves
reserves
reserves the
the
the
the copyright
copyright
copyright
copyright
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output, 100KHz/1V
100
pF


Similar Part No. - WRA-ZMD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-20W MICRODC-WRA-ZMD-20W Datasheet
501Kb / 3P
   20W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA-ZMD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE-ZD-6W MICRODC-WRE-ZD-6W Datasheet
410Kb / 2P
   6W,4:1 WIDE INPUT,ISOLATED®ULATED SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205YMD-6WR3 MORNSUN-VRA1205YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
VRB1203S-6WR3 MORNSUN-VRB1203S-6WR3 Datasheet
766Kb / 4P
   6W,wide input, isolated & regulated single output, SIP package, DC-DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
logo
GAPTEC Electronic GmbH ...
6DAW4-S3 GAPTEC-6DAW4-S3 Datasheet
847Kb / 4P
   6W - Single Output - 4:1 Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
   6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
URB2403S-6WR3 MORNSUN-URB2403S-6WR3 Datasheet
667Kb / 4P
   6W, Ultra wide input, isolated & regulated single output, SIP package, DC-DC converter
logo
GAPTEC Electronic GmbH ...
6DAW4-D3 GAPTEC-6DAW4-D3 Datasheet
1Mb / 4P
   6W - Dual Output - 4:1 Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com