Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1215YS-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB1215YS-2W
Description  WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB1215YS-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB1215YS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB1215YS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB1215YS-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YS-
YS-
YS-
YS-
YS-
YS-
YS-
YS-2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YS
YS
YS
YS
YS
YS
YS
YS ----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
order code
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Current(MA)
Voltage
(VDC)
Nominal
Range
Max*
Max
Min
WRA0505YS-2W
5
4.5-9.0
11
±200
±20
±5
67
WRA0512YS-2W
5
4.5-9.0
11
±83
±8
±12
72
WRA0515YS-2W
5
4.5-9.0
11
±67
±7
±15
73
WRB0505YS-2W
5
4.5-9.0
11
400
40
5
67
WRB0509YS-2W
5
4.5-9.0
11
222
22
9
72
WRB0512YS-2W
5
4.5-9.0
11
167
16
12
73
WRB0515YS-2W
5
4.5-9.0
11
133
13
15
72
WRA1205YS-2W
12
9.0-18.0
22
±200
±20
±5
73
WRA1212YS-2W
12
9.0-18.0
22
±83
±8
±12
78
WRA1215YS-2W
12
9.0-18.0
22
±67
±7
±15
77
WRB1205YS-2W
12
9.0-18.0
22
400
40
5
75
WRB1209YS-2W
12
9.0-18.0
22
222
22
9
77
WRB1212YS-2W
12
9.0-18.0
22
167
16
12
79
WRB1215YS-2W
12
9.0-18.0
22
133
13
15
80
WRA2405YS-2W
24
18.0-36.0
40
±200
±20
±5
76
WRA2412YS-2W
24
18.0-36.0
40
±83
±8
±12
79
WRA2415YS-2W
24
18.0-36.0
40
±67
±7
±15
78
WRB2403YS-2W
24
18.0-36.0
40
500
50
3.3
67
WRB2405YS-2W
24
18.0-36.0
40
400
40
5
77
WRB2409YS-2W
24
18.0-36.0
40
222
22
9
79
WRB2412YS-2W
24
18.0-36.0
40
167
16
12
80
WRB2415YS-2W
24
18.0-36.0
40
133
13
15
80
WRA4805YS-2W
48
36.0-72.0
80
±200
±20
±5
75
WRA4812YS-2W
48
36.0-72.0
80
±83
±8
±12
79
WRA4815YS-2W
48
36.0-72.0
80
±67
±7
±15
79
WRB4805YS-2W
48
36.0-72.0
80
400
40
5
75
WRB4809YS-2W
48
36.0-72.0
80
222
22
9
76
WRB4812YS-2W
48
36.0-72.0
80
167
16
12
78
WRB4815YS-2W
48
36.0-72.0
80
133
13
15
78
*Input voltage can't exceed this value,or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRA
A
A
A
A
A
A
A
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
S
S
S
S
S
S
S
S
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤SIP Package Style ⑥ Rated Power
WIDE
WIDE
WIDE
WIDE INPUT,ISOLATED
INPUT,ISOLATED
INPUT,ISOLATED
INPUT,ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED Dual/Single
Dual/Single
Dual/Single
Dual/Single Output
Output
Output
Output SIP
SIP
SIP
SIP DC/DC
DC/DC
DC/DC
DC/DC Converter
Converter
Converter
Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP Package
Wide temperature performance at full
2 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Low ripple and good EMC Features
Industry standard pinout
Power sharing on output
I/O Isolation 1500VDC
Short Circuit Protection(automatic recovery)
Internal SMD construction
External On/Off control
2:1 wide input voltage range
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRA_YS-2W&WRB_YS-2W series are specially
designed for applications where a group of polar power
supplies are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is wide
range
(voltage range ≤2:1);
2) where isolation is necessary between input and output
(isolation voltage ≤1500VDC);
3) where the regulation of the output voltage and the
output ripple noise are demanded.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output power
Refer to product program
0.2
2
W
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Load regulation
10% to 100% full load(WRB_YS-2W)
±0.5
±0.75
%
10% to 100% full load(WRA_YS-2W)*
±0.5
±1.0
%
Output voltage accuracy
Refer to recommended circuit
±1
±3.0
%
Temperature drift(Vout)
Refer to recommended circuit
±0.03
%/°C
Output Ripple**
20MHz Bandwidth
25
75
MV p-p
Output Noise**
20MHz Bandwidth
25
75
MV p-p
Switching frequency
100% Full load,input voltage range
300
Khz
*
Dual output models unbalanced load (25/100%):±5%Max
* *Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRB1215YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB1215YS-1W MICRODC-WRB1215YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRB1215YS-3W MICRODC-WRB1215YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRB1215YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
WRA-ZLS-2W MICRODC-WRA-ZLS-2W Datasheet
604Kb / 2P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-9(10)DC/DCConverter
WRA-YLS-3W MICRODC-WRA-YLS-3W Datasheet
683Kb / 4P
   WIDEINPUT,ISOLATED®ULATEDDualOutput SIPDC/DCConverter
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com