Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA-ZD-4W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRA-ZD-4W
Description  4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA-ZD-4W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRA-ZD-4W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA-ZD-4W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA-ZD-4W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W
WRA-ZD-4W&WRB-ZD-4W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Input current no load /full load
24 Vin models
20 mA
/ 400 mA typ. (at 12 VDC Vin)
20 mA
/ 200 mA typ. (at 24 VDC Vin)
48 Vin models
6 mA
/ 200 mA typ. (at 24 VDC Vin)
6 mA
/ 100 mA typ. (at 48 VDC Vin)
Start-up voltage / under voltage shut down
24 Vin models
8.5 VDC /8.0 VDC typ.
48 Vin models
17 VDC /16
VDC typ.
Surge voltage (1 sec. max.)
24 Vin models
50 V max.
48 Vin models
100 V max.
Reverse voltage protection
1.0 A max.
Conducted noise
(input)
EN 55022 level A, FCC part 15, level A
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage set accuracy
± 1 %
Regulation
– Input variation
Vin min. to Vin max.
± 0.3 % max.
– Load variation 10 – 100%
– single output model
± 1.0 % max.
– dual output models balanced load
± 1.0 % max.
– dual output models unbalanced load
± 3.0 % max.
Ripple and noise
(20 MHz Bandwidth)
450 mVpk-pk max
Temperature coefficient
± 0.02 % / ℃
Current limitation
> 110% of Iout max., constant current
Short circuit protection
Hiccup mode, indefinite (automatic recovery)
Capacitive load
– single output model
680 μF max.
– dual output model
300 μF max.
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Temperature ranges
– Operating
– 40°C ... + 75°C(no derating)
– Case temperature
+ 95 °C max.
– Storage
– 40 °C ... + 125 °C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217 E)
>1 Mio. h @ + 25 °C
Isolation voltage
Input/Output
1500 VDC
Isolation capacity
Input/Output
380 pF typ
Isolation resistance
Input/Output (500 VDC)
> 1000 M Ohm
Switching frequency
350 kHz typ. (Pulse frequency modulation PFM)
Safety standards
UL 1950 , IEC 60950, EN 60950
Compliance up to 60 VDC input voltage(SELV
limit)
Safety approval
cUL / UL
File E188913
All specifications
valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


Similar Part No. - WRA-ZD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-1W5 MICRODC-WRA-ZD-1W5 Datasheet
665Kb / 3P
   1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-8W MICRODC-WRA-ZD-8W Datasheet
698Kb / 4P
   8W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA-ZD-4W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-4W MICRODC-WRA-YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-4W MICRODC-WRE-YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com