Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1205YMT-3W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRB1205YMT-3W
Description  3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB1205YMT-3W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRB1205YMT-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB1205YMT-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB1205YMT-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W
WRA-YMT-3W&WRB-YMT-3W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP
FOOTPRINT(TOP VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
VIEW)
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
1.
The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3.
Capacitor MAX load tested at input voltage range and full load.
4.
All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5.
Only typical models listed, other models may be different, please contact our technical person for more details.
6.
In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - WRB1205YMT-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB1205YMT-2W MICRODC-WRB1205YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
More results

Similar Description - WRB1205YMT-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA-XD-1W MICRODC-MA-XD-1W Datasheet
445Kb / 2P
   1W/2W, FIXED INPUT , ISOLA TED & REGULATED DUAL OUTPUT DC-DC CONVERTER
WRA-YMD-15W MICRODC-WRA-YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE-YS-3W MICRODC-WRE-YS-3W Datasheet
745Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com