Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA2415YMD-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRA2415YMD-3W
Description  3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA2415YMD-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRA2415YMD-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA2415YMD-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA2415YMD-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRA2415YMD-3W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YMD-3W
YMD-3W
YMD-3W
YMD-3W
YMD-3W
YMD-3W
YMD-3W
YMD-3W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YMD
YMD
YMD
YMD
YMD
YMD
YMD
YMD -3W
-3W
-3W
-3W
-3W
-3W
-3W
-3W Series
Series
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
48
48
48
48
48
48
48
48
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
M
M
M
M
M
M
M
M
D
D
D
D
D
D
D
D
--------3W
3W
3W
3W
3W
3W
3W
3W
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤Metal Shield
⑥DIP Package Style
⑦Rated Power
Order code
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max*
Max.
Min.
WRA0505YMD-3W
5
4.5-9
11
±5
±300
±30
68
WRA0512YMD-3W
5
4.5-9
11
±12
±125
±12
72
WRA0515YMD-3W
5
4.5-9
11
±15
±100
±10
71
WRB0505YMD-3W
5
4.5-9
11
5
600
60
68
WRB0512YMD-3W
5
4.5-9
11
12
250
25
72
WRB0515YMD-3W
5
4.5-9
11
15
200
20
71
WRA1205YMD-3W
12
9-18
22
±5
±300
±30
76
WRA1212YMD-3W
12
9-18
22
±12
±125
±12
80
WRA1215YMD-3W
12
9-18
22
±15
±100
±10
80
WRB1205YMD-3W
12
9-18
22
5
600
60
77
WRB1209YMD-3W
12
9-18
22
9
333
33
78
WRB1212YMD-3W
12
9-18
22
12
250
25
80
WRB1215YMD-3W
12
9-18
22
15
200
20
81
WRB1224YMD-3W
12
9-18
22
24
125
12
80
WRA2405YMD-3W
24
18-36
40
±5
±300
±30
77
WRA2412YMD-3W
24
18-36
40
±12
±125
±12
80
WRA2415YMD-3W
24
18-36
40
±15
±100
±10
80
WRB2405YMD-3W
24
18-36
40
5
600
60
77
WRB2409YMD-3W
24
18-36
40
9
333
33
79
WRB2412YMD-3W
24
18-36
40
12
250
25
81
WRB2415YMD-3W
24
18-36
40
15
200
20
81
WRB2424YMD-3W
24
18-36
40
24
125
12
80
WRA4805YMD-3W
48
36-72
80
±5
±300
±30
77
WRA4812YMD-3W
48
36-72
80
±12
±125
±12
80
WRA4815YMD-3W
48
36-72
80
±15
±100
±10
81
WRB4805YMD-3W
48
36-72
80
5
600
60
77
WRB4809YMD-3W
48
36-72
80
9
333
33
79
WRB4812YMD-3W
48
36-72
80
12
250
25
81
WRB4815YMD-3W
48
36-72
80
15
200
20
81
WRB4824YMD-3W
48
36-72
80
24
125
12
80
WRB11012YMD-3W
110
72-144
155
12
250
25
80
WRB11024YMD-3W
110
72-144
155
24
125
12
78
*Input voltage can’t exceed this value,or will cause the permanent damage.
3W,
3W,
3W,
3W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide (2:1) Input Range
Short Circuit Protection(automatic recovery)
1500VDC Isolation
Operating Temperature: -40℃~﹢85℃
No heat sink required
No external component required
Internal SMD required
Five sided metal shielding
MTBF>1000Khours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The WRA_YMD-3W&WRB_YMD-3W Series
are specially designed for
applications where a wide range
input voltage power supplies are
isolated from the input power supply
in a distributed power supply system
on a circuit board.
These products apply to:
1) Where the voltage of the input
power supply is wide range
(Voltage range≤2:1);
2) Where isolation is necessary
between input and output
(Isolation voltage≤1500VDC);
3) Where the regulation of the
Output voltage and the output
ripple noise are demanded.
MICRODC reserves the copyright
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
page 1/4
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE


Similar Part No. - WRA2415YMD-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA2415YMD-3W MORNSUN-WRA2415YMD-3W Datasheet
129Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRA2415YMD-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZS-3W MICRODC-WR-ZS-3W Datasheet
770Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YHD-3W MICRODC-WRA-YHD-3W Datasheet
664Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-3W MICRODC-WRE-YD-3W Datasheet
543Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-3W MICRODC-WRA-YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com