Electronic Components Datasheet Search |
|
WRA2412YMT-2W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd |
|
WRA2412YMT-2W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd |
3 / 3 page WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W WRA-YMT-2W&WRB-YMT-2W Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 3 of 3 OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS & & & & & & & & PIN PIN PIN PIN PIN PIN PIN PIN CONNECTIONS CONNECTIONS CONNECTIONS CONNECTIONS CONNECTIONS CONNECTIONS CONNECTIONS CONNECTIONS MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit:mm[ inch] Pin section tolerances:±0.10mm[±0.004inch] General tolerances:±0.25mm[±0.010inch] FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS Pin Pin Pin Pin Single Single Single Single Dual Dual Dual Dual 1 GND GND 7 NC NC 8 NC 0V 9 +Vo +Vo 10 0V -Vo 16 Vin Vin NC: No connection RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP FOOTPRINT(TOP VIEW) VIEW) VIEW) VIEW) VIEW) VIEW) VIEW) VIEW) DUAL/SINGLE OUTPUT TUBE TUBE TUBE TUBE TUBE TUBE TUBE TUBE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit :mm[inch] General tolerances: ±0.50mm[±0.020inch] L=530mm[20.866inch] Tube Quantity: 21pcs L=220mm[8.661inch] Tube Quantity: 8pcs Microdc Professional Power Module,Inc. Tel:0086-20-86000646 E-mail:tech@microdc.cn Website:http://www.microdc.cn RoHS RoHS RoHS RoHS COMPLIANT COMPLIANT COMPLIANT COMPLIANT INFORMATION INFORMATION INFORMATION INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering systems. REACH REACH REACH REACH COMPLIANT COMPLIANT COMPLIANT COMPLIANT INFORMATION INFORMATION INFORMATION INFORMATION This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. Note: 1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed. 3. Capacitor MAX load tested at input voltage range and full load. 4. All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 5. In this datasheet, all the test methods of indications are based on corporate standards. 6. Only typical models listed, other models may be different, please contact our technical person for more details. |
Similar Part No. - WRA2412YMT-2W |
|
Similar Description - WRA2412YMT-2W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |