Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2403YD-6W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB2403YD-6W
Description  6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2403YD-6W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB2403YD-6W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2403YD-6W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2403YD-6W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YD-6W
YD-6W
YD-6W
YD-6W
YD-6W
YD-6W
YD-6W
YD-6W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YD
YD
YD
YD
YD
YD
YD
YD -6W
-6W
-6W
-6W
-6W
-6W
-6W
-6W Series
Series
Order code
Input
Output
Efficiency
(%.Typ.)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max*
Max.
Min.
WRA0505YD-6W
5
4.5-9
11
±5
±600
±60
76
WRA0512YD-6W
5
4.5-9
11
±12
±250
±25
81
WRA0515YD-6W
5
4.5-9
11
±15
±200
±20
83
WRB0505YD-6W
5
4.5-9
11
5
1200
120
76
WRB0512YD-6W
5
4.5-9
11
12
500
50
81
WRB0515YD-6W
5
4.5-9
11
15
400
40
81
WRA1205YD-6W
12
9-18
22
±5
±600
±60
76
WRA1212YD-6W
12
9-18
22
±12
±250
±25
81
WRA1215YD-6W
12
9-18
22
±15
±200
±20
83
WRB1203YD-6W
12
9-18
22
3.3
1500
150
74
WRB1205YD-6W
12
9-18
22
5
1200
120
76
WRB1212YD-6W
12
9-18
22
12
500
50
81
WRB1215YD-6W
12
9-18
22
15
400
40
81
WRA2405YD-6W
24
18-36
40
±5
±600
±60
76
WRA2412YD-6W
24
18-36
40
±12
±250
±25
81
WRA2415YD-6W
24
18-36
40
±15
±200
±20
83
WRB2403YD-6W
24
18-36
40
3.3
1500
150
74
WRB2405YD-6W
24
18-36
40
5
1200
120
76
WRB2407YD-6W
24
18-36
40
7
857.1
85.71
78
WRB2412YD-6W
24
18-36
40
12
500
50
81
WRB2415YD-6W
24
18-36
40
15
400
40
81
WRA4805YD-6W
48
36-72
80
±5
±600
±60
85
WRA4812YD-6W
48
36-72
80
±12
±250
±25
83
WRA4815YD-6W
48
36-72
80
±15
±200
±20
85
WRB4803YD-6W
48
36-72
80
3.3
1500
150
74
WRB4805YD-6W
48
36-72
80
5
1200
120
78
WRB4812YD-6W
48
36-72
80
12
500
50
80
WRB4815YD-6W
48
36-72
80
15
400
40
80
*Input voltage can’t exceed this value,or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
24
24
24
24
24
24
24
24
15
15
15
15
15
15
15
15
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------6W
6W
6W
6W
6W
6W
6W
6W
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤DIP Package Style ⑥ Rated Power
6
6
6
6W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC
DC
DC
DC----DC
DC
DC
DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide (2:1) Input Range
Short Circuit Protection(automatic recovery)
1500VDC Isolation
Operating Temperature: -40℃~﹢85℃
Five sided metal shielding
No external component required
Internal SMD construction
RoHS Compliance
MTBF>1000Khours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The WRA_YD-6W&WRB_YD-6W Series are
specially designed for applications
where a wide range input voltage
power supplies are isolated from the
input power supply in a distributed
power supply system on a circuit
board.These products apply to:
1) Where the voltage of the input
power supply is wide range
(Voltage range≤2:1);
2) Where isolation is necessary
between input and output
(Isolation voltage≤1500VDC);
3) Where the regulation of the
Output voltage and the output
ripple noise are demanded.
MICRODC reserves the copyright
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
page 1/3
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead temperature
1.5mm from case for 10 seconds
300
No-load power
0.2
W
Cooling
Free Air Convection
Short circuit protection
Continuous,automatic recovery
Case material
Steel,nickel coated, copper
Isolation voltage
Tested for1 minute and 1mA
1500
VDC
Isolation resistance
Test at 500VDC
1000
Isolation Capacitance
Input/Output
85
pF
MTBF
1000
K hours
Weight
17
g


Similar Part No. - WRB2403YD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2403YD-1000 MICRODC-WRB2403YD-1000 Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2403YD-1200 MICRODC-WRB2403YD-1200 Datasheet
664Kb / 3P
   5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB2403YD-12W MICRODC-WRB2403YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRB2403YD-2000 MICRODC-WRB2403YD-2000 Datasheet
673Kb / 4P
   8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2403YD-20W MICRODC-WRB2403YD-20W Datasheet
1Mb / 3P
   20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
More results

Similar Description - WRB2403YD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-4W MICRODC-WRE-YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com