Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA1215YMD-15W Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # WRA1215YMD-15W
Description  15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA1215YMD-15W Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  WRA1215YMD-15W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA1215YMD-15W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA1215YMD-15W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W
WRA-YMD-15W&WRB-YMD-15W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS&
DIMENSIONS&
DIMENSIONS&
DIMENSIONS&
DIMENSIONS&
DIMENSIONS&
DIMENSIONS&
DIMENSIONS& FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Not e:
Unit : mm[inch]
Pi n diameter tolerances:±0.10mm[±0.004 inch]
General tolerances:±0.25mm[±0.010 inch]
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
1.
All specifications are measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2.
In this data sheet , all the test methods of indications are based on corporate standards.
3.
Only typical model listed. Non-standard models will be different from the above, please contact us for more details.
4.
The products cannot be used in parallel and in plug and play .
5.
The CTRL control pin voltage is referenced to GND.
6.
Capacitor or MAX load tested at nominal input voltage and constant resistive load.
7.
Refer to
the diagram of Output Voltage trim up/ down for trim applications.


Similar Part No. - WRA1215YMD-15W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA1215YMD-10W MICRODC-WRA1215YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
More results

Similar Description - WRA1215YMD-15W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA1212YMD-20W MICRODC-WRA1212YMD-20W Datasheet
666Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
Microdc power Technolog...
WRA-YMD-5W MICRODC-WRA-YMD-5W Datasheet
556Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
WRA-YMT-3W MICRODC-WRA-YMT-3W Datasheet
490Kb / 3P
   3W, WIDE INPUT , ISOLA TED & REGULATED SINGLE/DUAL OUTPUTDC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
15DPW GAPTEC-15DPW Datasheet
585Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
15DMW4 GAPTEC-15DMW4 Datasheet
463Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
15DMW GAPTEC-15DMW Datasheet
469Kb / 3P
   15W - Single/Dual Output - Wide Input - Isolated & Regulated
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
   15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
VRB1203YMD-15WR3 MORNSUN-VRB1203YMD-15WR3 Datasheet
840Kb / 6P
   15W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com