Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA4815YLS-3W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRA4815YLS-3W
Description  WIDEINPUT,ISOLATED®ULATEDDualOutput SIPDC/DCConverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA4815YLS-3W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRA4815YLS-3W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA4815YLS-3W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA4815YLS-3W Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRA4815YLS-3W Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W
WRA-YLS-3W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
MIN.
MIN.
MIN.
MIN.
TYP.
TYP.
TYP.
TYP.
MAX.
MAX.
MAX.
MAX.
Units
Specifcation
-40
85
°C
Operation
-40
100
Storage
-50
130
Case temperature rise above ambient
12V & 15V output types @ 100% load
36
MTTF
MTTF
MTTF
MTTF
MTTF
MTTF
MTTF
MTTF (MEAN
(MEAN
(MEAN
(MEAN
(MEAN
(MEAN
(MEAN
(MEAN TIME
TIME
TIME
TIME
TIME
TIME
TIME
TIME TO
TO
TO
TO
TO
TO
TO
TO FAILURE)
FAILURE)
FAILURE)
FAILURE)
FAILURE)
FAILURE)
FAILURE)
FAILURE)
Part
Part
Part
Part Number
Number
Number
Number
MTTF
MTTF
MTTF
MTTF
Units
Units
Units
Units
Conditions
WRA2412YLS-3W
2077
kHrs
Calculated using MIL-HDBK 217F with
Nominal input at full voltage (ground
benign) at 25°C.
WRA2415YLS-3W
2080
WRA4812YLS-3W
2090
WRA4815YLS-3W
2045
GENERAL
GENERAL
GENERAL
GENERAL
GENERAL
GENERAL
GENERAL
GENERAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
MIN.
MIN.
MIN.
MIN.
TYP.
TYP.
TYP.
TYP.
MAX.
MAX.
MAX.
MAX.
Units
Control pin (CTRL) input current
Please refer to control pin application note
6
15
mA
Switching frequency
Load causing lowest frequencies, 100% load VIN MIN.
100
125
150
kHz
Load causing highest frequencies, 25% load VIN MAX.
300
400
500
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
MIN.
MIN.
MIN.
MIN.
TYP.
TYP.
TYP.
TYP.
MAX.
MAX.
MAX.
MAX.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
VISO = 1000VDC
1
GΩ
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL
TECHNICAL NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
NOTES
ISOLATION
ISOLATION
ISOLATION
ISOLATION VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test
voltage, applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
MICRODC WRA-YLS-3W series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the WRA-YLS-3W series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V
peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation
system. The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides
of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible
circuitry according to safety standard requirements.
REPEATED
REPEATED
REPEATED
REPEATED HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE ISOLATION
ISOLATION
ISOLATION
ISOLATION TESTING
TESTING
TESTING
TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on
materials, construction and environment. The WRA-YLS-3W series has an EI ferrite core, with no additional insulation between primary and secondary windings of enameled
wire.
While parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this
enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be
strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified
test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.


Similar Part No. - WRA4815YLS-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA4815YD-12W MICRODC-WRA4815YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRA4815YD-20W MICRODC-WRA4815YD-20W Datasheet
1Mb / 3P
   20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
WRA4815YD-3W MICRODC-WRA4815YD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA4815YD-4W MICRODC-WRA4815YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA4815YD-6W MICRODC-WRA4815YD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results

Similar Description - WRA4815YLS-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRB-YQD-30W MICRODC-WRB-YQD-30W Datasheet
599Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDSINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com