Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA-YMD-6W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRA-YMD-6W
Description  WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRA-YMD-6W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRA-YMD-6W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRA-YMD-6W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRA-YMD-6W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----6
6
6
6
6
6
6
6W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----Y
Y
Y
Y
Y
Y
Y
YMD
MD
MD
MD
MD
MD
MD
MD----
----6
6
6
6
6
6
6
6W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
NO-load power consumption
500
MW
Operating temperature
-40
85
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 seconds
300
°C
Temp.rise at full load
15
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
*
Continuous,automatic recovery
Case material
Aluminium alloy
MTBF
1000
K hours
Weight
15
g
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at Viso=500VDC
1000
Isolation capacitance
Input/Outpu
100
pF
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
NOTE
1)
1)
1)
1) Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full
load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of
input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less
than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability
will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra
loading, or contact our company for other lower output power products.
2)
2)
2)
2) Recommended
Recommended
Recommended
Recommended Circuit
Circuit
Circuit
Circuit
All the WRA_YMD-6W & WRB_YMD-6W Series have been tested according to the following
recommended testing circuit before leaving factory. This series should be tested under load. Never be
tested under no load (see Figure 1).
If you want to further decrease the input/output ripple,you can increase capacitance properly or
choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper.
If the capacitance is too big, a startup problem might arise. For every channel of output,provided the safe
and reliable operation is ensured,the greatest capacitance of its filter capacitor sees (Table 1).
General:
Cin:
5V&12V
100μF
24V&48V
10μF-47μF
Cout: 10PF/100mA
3)
3)
3)
3) Input
Input
Input
Input current
current
current
current
When it is used in unregulated power supply,be sure that the fluctuating range of the power supply
and the rippled voltage do not exceed the module standard.Input current of power supply should afford
the startup current of this kind of DC/DC module (Figure 2).
General: Ip≤1.4*Iin-max
4)
4)
4)
4) No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play
play
play
play
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
OUTPUT
OUTPUT
OUTPUT
OUTPUT Graph
Graph
Graph
Graph
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
Single
Single
Single
Single
Single
Single
Single
Single Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Dual
Dual
Dual
Dual
Dual
Dual
Dual
Dual Vout
Vout
Vout
Vout
Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
Cout
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
(VDC)
(VDC)
(VDC)
(VDC)
((((μ
μ
μ
μF)
F)
F)
F)
3.3
2200
±5
680
5
1000
±9
470
9
680
±12
330
12
470
±15
220
15
330
_
_
24
220
_
_


Similar Part No. - WRA-YMD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
   2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRA-YMD-15W MICRODC-WRA-YMD-15W Datasheet
714Kb / 3P
   15W, WIDE INPUT, ISOLATED®ULATED SINGLE/DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-20W MICRODC-WRA-YMD-20W Datasheet
657Kb / 3P
   20W, WIDE INPUT, ISOLATED®ULATED DUAL OUTPUTDC-DC CONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-5W MICRODC-WRA-YMD-5W Datasheet
556Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDDual/Single OutputDC/DC Converter
More results

Similar Description - WRA-YMD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-12W MICRODC-WRA-ZMD-12W Datasheet
678Kb / 3P
   12W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-4W MICRODC-WRE-YD-4W Datasheet
782Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
   6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-4W MICRODC-WRA-YD-4W Datasheet
783Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com