Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2403YD-1200 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRB2403YD-1200
Description  5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRB2403YD-1200 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRB2403YD-1200 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRB2403YD-1200 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRB2403YD-1200 Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRA
WRA
WRA
WRA
WRA
WRA
WRA
WRA----
----YD-
YD-
YD-
YD-
YD-
YD-
YD-
YD-5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB----
----YD
YD
YD
YD
YD
YD
YD
YD ----
----5
5
5
5
5
5
5
5W
W
W
W
W
W
W
W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Order
Order
Order
Order code
code
code
code
Input
Input
Input
Input Voltage
Voltage
Voltage
Voltage
(VDC)
(VDC)
(VDC)
(VDC)
Output
Output
Output
Output
Efficiency
Efficiency
Efficiency
Efficiency
(%.Typ.)
(%.Typ.)
(%.Typ.)
(%.Typ.)
Voltage
Voltage
Voltage
Voltage (VDC)
(VDC)
(VDC)
(VDC)
Current
Current
Current
Current Max.
Max.
Max.
Max.
WRB0503YD-1200
4.5–7
3.3
1200
75%
WRB0505YD-5W
4.5–7
5
1000
79%
WRA0505YD-5W
4.5–7
±5
±500
82%
WRB1203YD-1200
9–18
3.3
1200
77%
WRB1205YD-5W
9–18
5
1000
81%
WRA1205YD-5W
9–18
±5
±500
81%
WRB2403YD-1200
18–36
3.3
1200
79%
WRB2405YD-5W
18–36
5
1000
83%
WRA2405YD-5W
18–36
±5
±500
83%
WRB4803YD-1200
36–75
3.3
1200
79%
WRB4805YD-5W
36–75
5
1000
83%
WRA4805YD-5W
36–75
±5
±500
83%
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRB
WRB
WRB
WRB
WRB
WRB
WRB
WRB
24
24
24
24
24
24
24
24
0
0
0
0
0
0
0
05
5
5
5
5
5
5
5
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------5W(1000)
5W(1000)
5W(1000)
5W(1000)
5W(1000)
5W(1000)
5W(1000)
5W(1000)
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤DIP24 Package Style
⑥Rated Power(Output current)
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Input current no load /full
load
5 Vin models
50mA / 1460mA typ.
12 Vin models
20mA / 590mA typ.
24 Vin models
5mA / 290mA typ.
48 Vin models
3mA / 145mA typ.
Start-up voltage / under
voltage shut down
5 Vin models
4.4 VDC / 4.0 VDC
12 Vin models
8.0 VDC / 8.0 VDC
24 Vin models
16.0 VDC / 16.0 VDC
48 Vin models
32.0 VDC / 32.0 VDC
Surge voltage (1 sec. max.)
5 Vin models
10 V max.
12 Vin models
25 V max.
24 Vin models
50 V max.
48 Vin models
100 V max.
Reverse voltage protection
1.0 A max.
Conducted noise (input)
EN 55022 level A, FCC part 15, level A
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage set accuracy
1 %
Regulation
–Input variation Vin min. to Vin max.
0.3 % max.
–Load variation 10–100 %
–single output models
1 % max.
–dual output models balanced load
1 % max.
–dual output models unbalanced
3 % max.
Ripple and noise (20 MHz Bandwidth)
50 mVpk-pk max.
Temperature coefficient
± 0.02 % /K
Output current limitation
>120 % of Iout max., constant
Short-circuit protection
indefinite (automatic recovery)
Capacitive load
–single output models
6800 µF max.
–dual output models
1000 µF max. (each output)
5
5
5
5W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Wide 2:1 Input Range
Full SMD-Design
High Efficiency up to 86%
Extended Operating Temperature
Range -40°C to 85°C
I/O-isolation 1500 VDC
Indefinite Short-Circuit Protection
RoHS Compliance
24-pin DIP with Industry Standard Pinout
High Reliability, MTBF >1 Mio. H
3 Year Product Warranty
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The WRA-YD-5W&WRB-YD-5W of 2:1.State of the art
SMD-technology guarantees a product with very high
reliability and good cost or performance ratio. High
efficiency allows an operating temperature range of -40℃
to +85 ℃
without derating. I/O-isolation of 1500 VDC
together with conducted noise compliance to EN 55022-A
and FCC, level A makes these converters ideal for a wide
range of applications in communications, mobile battery
powered equipments and industrial systems.


Similar Part No. - WRB2403YD-1200

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB2403YD-12W MICRODC-WRB2403YD-12W Datasheet
1Mb / 3P
   12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB2403YD-1200

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZD-5W MICRODC-WRA-ZD-5W Datasheet
943Kb / 3P
   5W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
   6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YD-8W MICRODC-WRA-YD-8W Datasheet
1Mb / 4P
   8W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-3W MICRODC-WRA-YMD-3W Datasheet
741Kb / 4P
   3W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-6W MICRODC-WRA-YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
WRA-ZD-4W MICRODC-WRA-ZD-4W Datasheet
930Kb / 3P
   4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-ZMD-30W MICRODC-WRA-ZMD-30W Datasheet
603Kb / 3P
   30W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YS-3W MICRODC-WRA-YS-3W Datasheet
757Kb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-3W MICRODC-WR-ZD-3W Datasheet
1Mb / 3P
   3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZMD-10W MICRODC-WR-ZMD-10W Datasheet
1Mb / 3P
   10W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com