Electronic Components Datasheet Search |
|
WRB0512YD-3W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
WRB0512YD-3W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 3 page WRA WRA WRA WRA WRA WRA WRA WRA---- ----YD-3W YD-3W YD-3W YD-3W YD-3W YD-3W YD-3W YD-3W& & & & & & & &WRB WRB WRB WRB WRB WRB WRB WRB---- ----YD YD YD YD YD YD YD YD -3W -3W -3W -3W -3W -3W -3W -3W Series Series Order code Input Output Efficiency (%.Typ.) Voltage(VDC) Voltage (VDC) Current(mA) Nominal Range Max* Max. Min. WRA0505YD-3W 5 4.5-9 11 ±5 ±300 ±30 76 WRA0512YD-3W 5 4.5-9 11 ±12 ±125 ±12 81 WRA0515YD-3W 5 4.5-9 11 ±15 ±100 ±10 83 WRB0505YD-3W 5 4.5-9 11 5 600 60 76 WRB0512YD-3W 5 4.5-9 11 12 250 25 81 WRB0515YD-3W 5 4.5-9 11 15 200 20 81 WRA1205YD-3W 12 9-18 22 ±5 ±300 ±30 76 WRA1212YD-3W 12 9-18 22 ±12 ±125 ±12 81 WRA1215YD-3W 12 9-18 22 ±15 ±100 ±10 83 WRB1203YD-3W 12 9-18 22 3.3 909 91 74 WRB1205YD-3W 12 9-18 22 5 600 60 76 WRB1212YD-3W 12 9-18 22 12 250 25 81 WRB1215YD-3W 12 9-18 22 15 200 20 81 WRA2405YD-3W 24 18-36 40 ±5 ±300 ±30 76 WRA2412YD-3W 24 18-36 40 ±12 ±125 ±12 81 WRA2415YD-3W 24 18-36 40 ±15 ±100 ±10 83 WRB2403YD-3W 24 18-36 40 3.3 909 91 74 WRB2405YD-3W 24 18-36 40 5 600 60 76 WRB2412YD-3W 24 18-36 40 12 250 25 81 WRB2415YD-3W 24 18-36 40 15 200 20 81 WRA4805YD-3W 48 36-72 80 ±5 ±300 ±30 85 WRA4812YD-3W 48 36-72 80 ±12 ±125 ±12 83 WRA4815YD-3W 48 36-72 80 ±15 ±100 ±10 85 WRB4803YD-3W 48 36-72 80 3.3 909 91 74 WRB4805YD-3W 48 36-72 80 5 600 60 78 WRB4812YD-3W 48 36-72 80 12 250 25 80 WRB4815YD-3W 48 36-72 80 15 200 20 80 WRB11012YD-3W 110 72-144 155 12 250 25 80 WRB11024YD-3W 110 72-144 155 24 125 12 78 *Input voltage can’t exceed this value,or will cause the permanent damage. MODEL MODEL MODEL MODEL MODEL MODEL MODEL MODEL SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION WRB WRB WRB WRB WRB WRB WRB WRB ① ① ① ①24 24 24 24 24 24 24 24 ② ② ② ②15 15 15 15 15 15 15 15 ③ ③ ③ ③Y Y Y Y Y Y Y Y ④ ④ ④ ④ D D D D D D D D ⑤ ⑤ ⑤ ⑤--------3W 3W 3W 3W 3W 3W 3W 3W ⑥ ⑥ ⑥ ⑥ ①Product Series ②Input Voltage ③Output Voltage ④Wide (2:1) Input Range ⑤DIP24 Package Style ⑥ Rated Power 3 3 3 3W, W, W, W, WIDE WIDE WIDE WIDE INPUT, INPUT, INPUT, INPUT, ISOLATED ISOLATED ISOLATED ISOLATED & & & & REGULATED REGULATED REGULATED REGULATED DUAL/SINGLE DUAL/SINGLE DUAL/SINGLE DUAL/SINGLE OUTPUT OUTPUT OUTPUT OUTPUT DC DC DC DC----DC DC DC DC CONVERTER CONVERTER CONVERTER CONVERTER FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES FEATURES ◆Wide (2:1) Input Range ◆Short Circuit Protection(automatic recovery) ◆ 1500VDC Isolation ◆ Operating Temperature: -40℃~﹢85℃ ◆ Five sided metal shielding ◆ No external component required ◆ Internal SMD construction ◆ RoHS Compliance ◆ MTBF>1000Khours APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS APPLICATIONS The WRA_YD-3W&WRB_YD-3W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board.These products apply to: 1) Where the voltage of the input power supply is wide range (Voltage range≤2:1); 2) Where isolation is necessary between input and output (Isolation voltage≤1500VDC); 3) Where the regulation of the Output voltage and the output ripple noise are demanded. MICRODC reserves the copyright http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 page 1/3 SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION SELECTION GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE GUIDE COMMON COMMON COMMON COMMON COMMON COMMON COMMON COMMON SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS SPECIFICATIONS Parameter Conditions Min. Typ. Max. Units Storage humidity 95 % Operating temperature -40 85 ℃ Storage temperature -55 125 ℃ Temp. rise at full load 15 ℃ Lead temperature 1.5mm from case for 10 seconds 300 ℃ No-load power 0.2 W Cooling Free Air Convection Short circuit protection Continuous,automatic recovery Case material Steel,nickel coated, copper Isolation voltage Tested for1 minute and 1mA 1500 VDC Isolation resistance Test at 500VDC 1000 MΩ Isolation Capacitance Input/Output 85 pF MTBF 1000 K hours Weight 15 g |
Similar Part No. - WRB0512YD-3W |
|
Similar Description - WRB0512YD-3W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |