Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME-XD-1W5 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # ME-XD-1W5
Description  DC/DCConverter 1.5Watt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

ME-XD-1W5 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  ME-XD-1W5 Datasheet HTML 1Page - Microdc power Technology Co., Ltd ME-XD-1W5 Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5
ME-XD-1W5 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical Data
Data
Data
Data
Data
Data
Data
Data Input
Input
Input
Input
Input
Input
Input
Input
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Data
Data
Data
Data
Uin
DC Input Voltage
4.5~5.5V
10.8~13.2V
21.6~26.4V
25.2~30.8V
43.2~52.8V
fsw
Switching Frequency
20KHZ typ
η
Efficiency
50%
Input Filter
Π-Filter
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
ME
ME
ME
ME
ME
ME
ME
ME
05
05
05
05
05
05
05
05
12
12
12
12
--------X
X
X
X
X
X
X
X
D
D
D
D
D
D
D
D
--------1W5
1W5
1W5
1W5
1W5
1W5
1W5
1W5
①Product Series
②Intput Voltage
③Output Voltage
④Fixed Input
⑤DIP24 Package Style
⑥Rated Power
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical Data
Data
Data
Data
Data
Data
Data
Data Onput
Onput
Onput
Onput
Onput
Onput
Onput
Onput
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Data
Data
Data
Data
Uout
Output Voltages
See table
△Uout
Output Voltages Accuracy
±4% max
△UNF/△UHF
Ripple&Noise
20 MHz BW
50mVpp max
Line Regulation
Uin=min/max.Iout=max
±0.3%
Load Regulation
Iout=25~100%
±0.5%
Pover
Short Circuit Protection
Short-term
ε
Temperature Coefficient
TA= -25~+71℃
±0.02%/℃
Plastic Case
Metal Case
>71~95℃
>71~100℃
linear to 0% lout
linear to 0% lout
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical Data
Data
Data
Data
Data
Data
Data
Data Onput
Onput
Onput
Onput
Onput
Onput
Onput
Onput
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Data
Data
Data
Data
Uisol p / s
Isolation(prim./sec.)
3.0 KVDC
Risol
Isolation Resistance
109
Ck
Isolation Capacity
30pF
To
Operating Temperature
-25~+71℃
Case Temperature
Plastic
Metal
95℃ max
100℃ max
Case
Uisol=3KVDC , DIP 24
Black plastic non-conductive
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical Data
Data
Data
Data
Data
Data
Data
Data Onput
Onput
Onput
Onput
Onput
Onput
Onput
Onput
Psrameter
Psrameter
Psrameter
Psrameter
Conditions
Conditions
Conditions
Conditions
Data
Data
Data
Data
Cooling
Natural convection
Dimensions
DIP 24
31.8X20.3X10.2 mm
Weight
12,5g
All data measured at nominal nominal input voltage,full load ambient temperature of 20℃(unless otherwise
specified).
Technical data subject to change.
DC/DC
DC/DC
DC/DC
DC/DC Converter
Converter
Converter
Converter 1.5
1.5
1.5
1.5 Watt
Watt
Watt
Watt
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
1.5 WATTS REGULATED OUTPUT POWER
LOW OUTPUT RIPPLE & NOISE
PI TYPE INPUT FILTER
3000VDC ISOLATION VOLTAGE
HIGH EFFICIENCY UP TO 78%
STANDARD 24 PIN DIP PACKAGE
Input π
π
π
π-Filter
50 mV Ripple&Noise
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The DC/DC converter ME-XD-1W5 supplies 1.5 watts max . 25
different input / output configurations are available with an isolation
voltage of 3000VDC Special features are low ripple&noise and wide
temperature range.
MICRODC reserves the copyright


Similar Part No. - ME-XD-1W5

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
ME-100 ARIES-ME-100 Datasheet
121Kb / 1P
   Economy Mini-Link Miniature Jumper
logo
Moujen Global Co., Ltd.
ME-8 MOUJEN-ME-8 Datasheet
3Mb / 12P
   Enclosed Basic Switch
ME-8104 MOUJEN-ME-8104 Datasheet
3Mb / 12P
   Enclosed Basic Switch
ME-8104-L MOUJEN-ME-8104-L Datasheet
3Mb / 12P
   Enclosed Basic Switch
ME-8104-M MOUJEN-ME-8104-M Datasheet
3Mb / 12P
   Enclosed Basic Switch
More results

Similar Description - ME-XD-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MF-XD-1W5 MICRODC-MF-XD-1W5 Datasheet
540Kb / 2P
   DC/DCConverter 1.5Watt
logo
List of Unclassifed Man...
PS1R5 ETC-PS1R5 Datasheet
765Kb / 2P
   1.5Watt Series DC/DC Converters
logo
Arch Electronics Corp.
SR78-1000 ARCH-SR78-1000 Datasheet
158Kb / 2P
   Encapsulated DC-DCConverter
ST15 ARCH-ST15_12 Datasheet
316Kb / 4P
   Encapsulated DC-DCConverter
ZC05 ARCH-ZC05 Datasheet
174Kb / 2P
   Encapsulated DC-DCConverter
logo
Microdc power Technolog...
A-XT-W25 MICRODC-A-XT-W25 Datasheet
811Kb / 3P
   1/4Watt | DC-DCConverter
WRD-YKD-6W MICRODC-WRD-YKD-6W Datasheet
931Kb / 3P
   6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
logo
MORNSUN Science& Techno...
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com