Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB1205XLS-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # IB1205XLS-1W
Description  FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IB1205XLS-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  IB1205XLS-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IB1205XLS-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W
IB-XLS-1W&
&
&
&
&
&
&
&IB-XLD-1W
IB-XLD-1W
IB-XLD-1W
IB-XLD-1W
IB-XLD-1W
IB-XLD-1W
IB-XLD-1W
IB-XLD-1W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
IB0505XLD-1W
5
4.75-5.25
5
150
15
68
80
IB0509XLD-1W
5
4.75-5.25
9
111
12
70
75
IB0512XLD-1W
5
4.75-5.25
12
83
9
71
83
IB0515XLD-1W
5
4.75-5.25
15
67
7
73
67
IB0505XLS-1W
5
4.75-5.25
5
150
15
68
70
IB0509XLS-1W
5
4.75-5.25
9
111
12
70
75
IB0512XLS-1W
5
4.75-5.25
12
83
9
71
69
IB0515XLS-1W
5
4.75-5.25
15
67
7
73
80
IB1205XLD-1W
12
11.4-12.6
5
150
15
68
85
IB1209XLD-1W
12
11.4-12.6
9
111
12
72
74
IB1212XLD-1W
12
11.4-12.6
12
83
9
70
71
IB1215XLD-1W
12
11.4-12.6
15
67
7
74
65
IB1205XLS-1W
12
11.4-12.6
5
150
15
68
68
IB1209XLS-1W
12
11.4-12.6
9
111
12
72
67
IB1212XLS-1W
12
11.4-12.6
12
83
9
70
65
IB1215XLS-1W
12
11.4-12.6
15
67
7
74
66
IB1505XLS-1W
15
14.25-15.75
5
150
15
70
69
IB1509XLS-1W
15
14.25-15.75
9
111
12
71
75
IB1512XLS-1W
15
14.25-15.75
12
83
9
71
74
IB1515XLS-1W
15
14.25-15.75
15
67
7
72
72
IB2405XLD-1W
24
22.8-25.2
5
150
15
68
73
IB2409XLD-1W
24
22.8-25.2
9
111
12
68
71
IB2412XLD-1W
24
22.8-25.2
12
83
9
73
70
IB2415XLD-1W
24
22.8-25.2
15
67
7
75
70
IB2405XLS-1W
24
22.8-25.2
5
150
15
68
80
IB2409XLS-1W
24
22.8-25.2
9
111
12
68
74
IB2412XLS-1W
24
22.8-25.2
12
83
9
73
60
IB2415XLS-1W
24
22.8-25.2
15
67
7
75
62
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
IB
IB
IB
IB
IB
IB
IB
IB
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
LS
LS
LS
LS
LS
LS
LS
LS
--------1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SIP Package
⑥Rated Power
FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 83%
SIP/DIP Package
Wide temperature performance at full
1 Watt load,-40°C to 85°C
UL 94V-0 package material
No heatsink required
Small Footprint
Industry standard pinout
Power sharing on output
1KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
MTTF up to 1.8 million hours
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
MICRODC reserves the copyright
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The IB_XLS-1W & IB_XLD-1W series are specially designed
for applications where a group of polar power supplies are
isolated from the input power supply in a distributed power
supply system on a
circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±5%);
2) where isolation is necessary between input and output
(isolation voltage ≤1000VDC);
3) where the regulation of the output voltage and the output
ripple noise are demanded.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
10
20
MV p-p
Output Noise*
20MHz Bandwidth
50
75
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - IB1205XLS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IB1205XS-2W MICRODC-IB1205XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB1205XS-2W MICRODC-IB1205XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB1205XT-W75 MORNSUN-IB1205XT-W75 Datasheet
122Kb / 2P
   single OUTPUT, SMD DC-DC CONVERTER
logo
Microdc power Technolog...
IB1205XT-W75 MICRODC-IB1205XT-W75 Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
More results

Similar Description - IB1205XLS-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com