Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF2405XS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # IF2405XS-2W
Description  FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

IF2405XS-2W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  IF2405XS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd IF2405XS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IF
IF
IF
IF
IF
IF
IF
IF-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
NO-load power consumption
10
°C
Operating temperature
-40
85
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 secon ds
300
Temp.rise at full load
40
58
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
Continuous
1
s
MTBF
3500
K hours
Weight
2.8
g
*Supply voltage must be discontinued at the end of short circuit duration.
Recommended
Recommended
Recommended
Recommended circuit
circuit
circuit
circuit
If you want to further decrease the input/output ripple,an
"LC"filtering network may be connected to the input and
output ends of the DC/DC converter. see (Figure 1).
It should also be noted that the inductance and the
frequency
of
the
"LC"filtering
network
should
be
staggered with the DC/DC frequency to avoid mutual
interference.However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output,
provided the safe and reliable operation is ensured, the
greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
Vin
Vin
Cin
Cin
Vout
Vout
Cout
Cout
(VDC)
(μF)
(VDC)
(μF)
5
4.7
5
4.7
12
2.2
-
-
24
0.47
-
-
It's not recommend to connect any external capacitor in
the application field with less than 0.5 watt output.
Overload
Overload
Overload
Overload Protection
Protection
Protection
Protection
Under normal operating conditions, the output circuit
of
these products has no protection against over-current
and short-circuits.The simplest method is to connect a
self-recovery fuse in series at the input end or add a
circuit breaker to the circuit.
Input
Input
Input
Input Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for input over-voltage protection is
a linear voltage regulator with overheat protection that is
connected to the input end in series(Figure 2).
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than
71
71
71
71°C,
C,
C,
C, the
the
the
the product
product
product
product output
output
output
output power
power
power
power should
should
should
should be
be
be
be less
less
less
less then
then
then
then
60%
60%
60%
60% of
of
of
of the
the
the
the
rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Use
Use
Use
Use
dual
dual
dual
dual
output
output
output
output
simultaneously,forbid
simultaneously,forbid
simultaneously,forbid
simultaneously,forbid
opening
opening
opening
opening
output
output
output
output pin
pin
pin
pin (0V)
(0V)
(0V)
(0V) to
to
to
to use
use
use
use as
as
as
as single
single
single
single output.
output.
output.
output.
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
IF
IF
IF
IF----XS-
XS-
XS-
XS-2
2
2
2W
W
W
W SIP
SIP
SIP
SIP
SIZE Graph
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin section tolerances:
±0.10mm(±0.004inch)
General tolerances:
±0.25mm(±0.010inch)
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Pin
Pin
Pin
Pin
Function
Function
Function
Function
1
Vin
2
GND
4
0V
6
+V0


Similar Part No. - IF2405XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IF2405XS-1W MICRODC-IF2405XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IF2405XS-W75 MICRODC-IF2405XS-W75 Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results

Similar Description - IF2405XS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75T8A GAPTEC-0.75T8A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
0.75S4A GAPTEC-0.75S4A Datasheet
1Mb / 3P
   0.75W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com