Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G0505XD-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. G0505XD-2W
Description  FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XD
D
D
D
D
D
D
D----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XD
D
D
D
D
D
D
D----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Part Number
Input
Output
Efficiency
(%,Typ)
Certificate
Voltage(VDC)
Voltage
(VDC)
Current (A)
Nomin
al
Range
Max
Min
H0505XD-2W
5
4.5-5.5
5
400
40
75
UL
H0509XD-2W
9
222
23
76
UL
H0512XD-2W
12
167
17
78
UL
H0515XD-2W
15
133
13
77
UL
G0505XD-2W
±5
±200
±20
75
UL
G0509XD-2W
±9
±111
±12
77
UL
G0512XD-2W
±12
±84
±9
79
UL
G0515XD-2W
±15
±67
±7
78
UL
H1205XD-2W
12
10.8-13
5
400
40
75
UL
H1209XD-2W
9
222
23
78
UL
H1212XD-2W
12
167
17
80
UL
H1215XD-2W
15
133
14
78
UL
G1205XD-2W
±5
±200
±20
76
UL
G1209XD-2W
±9
±111
±12
78
UL
G1212XD-2W
±12
±84
±9
80
UL
G1215XD-2W
±15
±67
±7
78
UL
H2405XD-2W
24
21.6-26.4
5
400
40
77
H2409XD-2W
9
222
23
78
H2412XD-2W
12
167
17
81
H2415XD-2W*
15
133
14
80
G2405XD-2W*
±5
±200
±20
77
G2409XD-2W*
±9
±111
±12
78
G2412XD-2W*
±12
±84
±9
81
G2415XD-2W*
±15
±67
±7
80
*Designing.
Note: The G_XD-1W/H_XD-1W series also are available in our company.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
G
G
G
G
G
G
G
G
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
D
D
D
D
D
D
D
D
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Package Style
⑤DIP Package
⑥Rated Power
FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
High Efficiency up to 81%
6KVDC Isolation
DIP Package
Low Isolation capacitance
Temperature Range -40℃ to +85℃
No Heat Sink Require
Internal SMD Construction
No External Component Required
Continuous short circuit protection
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
The G_XD-2W & H_XD-2W Series are specially
designed
for
applications
where
a
group
of
polar
power
supplies
are
isolated
from
the
input
power
supply
in
a
distributed
power
supply system on a circuit board.
These products apply to:
1)
Where
the
voltage
of
the
input
power
supply is fixed (voltage variation ≤10%);
2) Where
isolation
is
necessary
between
input and output (isolation voltage≤ 6000VDC);
3) Where
the
regulation
of
the
output
voltage
and
the
output
ripple
noise
are
not
demanded.
Such
as:
purely
digital
circuits,
ordinary
low frequency
analog
circuits,
and
IGBT
power
device driving circuits.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ.
Max
Unit
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
30
Lead temperature
1.5mm from case for 10 seconds
300
Short circuit protection
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
8.2
g
Item
Test conditions
Min.
Typ.
Max
Unit
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 500VDC
1000
Isolation capacitance
3.5
PF
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl