Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G0509XS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part No. G0509XS-2W
Description  FIXED INPUT,ISOLATED&UNREGULATED Single∕Dual Output DC∕DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 2 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp.rise at full load
15
30
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection*
Continuous
1
s
MTBF
3500
K hours
Weight
4.3
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Temperature
Temperature
Temperature
Temperature Derating
Derating
Derating
Derating Graph
Graph
Graph
Graph
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
SIZE
SIZE
SIZE
SIZE Graph
Graph
Graph
Graph
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
Top
Top
Top
Top view,grid:2.54mm(0.1inch)
view,grid:2.54mm(0.1inch)
view,grid:2.54mm(0.1inch)
view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
diameter:1.00mm(0.039inch)
diameter:1.00mm(0.039inch)
diameter:1.00mm(0.039inch)
FOOTPRINT DETAILS
Pin
Single
Dual
1
VIN
VIN
2
GND
GND
5
0V
-V0
6
No Pin
0V
7
+V0
+V0
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin section tolerances:
0.10mm(
0.004inch)
General tolerances: ±0.25mm(±0.010inch)
Requirement
Requirement
Requirement
Requirement on
on
on
on output
output
output
output load
load
load
load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC
converter in addition to a maximum load(namely full load).During operation, make sure the specified range
of input voltage is not exceeded,the minimum output load is not less than 10% of the full load, and that this
product should never be operated under no load!
Filtering
To get the input/output ripple,an "LC"filtering network may be connected to
the input and output ends of the DC/DC converter.Which may produce a more
significant filtering effect.It should also be noted that the inductance and the
frequency of the "LC"filtering network should be staggered with the DC/DC
frequency to avoid mutual interference see (Figure 1).
In some circuits which are sensitive to noise and ripple.a filtering capacitor
may be added to the DC/DC output end and input end to reduce the noise and
ripple. However, the capacitance of the output filter capacitor must be proper.
If the capacitance is too big, a startup problem might arise. For every channel
of output, provided the safe and
reliable operation
is
ensured,
the
greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL
EXTERNAL
EXTERNAL
EXTERNAL CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR TABLE
TABLE
TABLE
TABLE (TABLE
(TABLE
(TABLE
(TABLE 1)
1)
1)
1)
Vin
Vin
Vin
Vin
Cin
Cin
Cin
Cin
Single
Single
Single
Single Vout
Vout
Vout
Vout
Cout
Cout
Cout
Cout
Dual
Dual
Dual
Dual Vou
Vou
Vou
Vou
Cout
Cout
Cout
Cout
(VDC)
(μF)
(VDC)
(μF)
(VDC)
(μF)
5
47
5
10.0
±5
4.7
12
2.2
9
4.7
±9
2.2
24
1.0
12
2.2
±12
1.0
--
--
15
1.0
±15
0.47
It's not recommend to connect any external capacitor in the application field
with less than 0.5 watt output.
Output
Output
Output
Output Voltage
Voltage
Voltage
Voltage Regulation
Regulation
Regulation
Regulation and
and
and
and Over-voltage
Over-voltage
Over-voltage
Over-voltage Protection
Protection
Protection
Protection Circuit
Circuit
Circuit
Circuit
The simplest device for output voltage regulation, over-voltage and
over-current protection is a linear voltage regulator with overheat
protection
th a t is co n n e ct e d to th e in p u t or ou tp u t en d in se r i e s (F i g u r e 2) .
When
When
When
When the
the
the
the environment
environment
environment
environment temperature
temperature
temperature
temperature is
is
is
is higher
higher
higher
higher than
than
than
than 71
71
71
71°°°°C,
C,
C,
C, the
the
the
the
product
product
product
product output
output
output
output power
power
power
power should
should
should
should be
be
be
be less
less
less
less th
th
th
tha
a
a
an
n
n
n 60%
60%
60%
60% of
of
of
of
the
the
the
the
rated
rated
rated
rated power.
power.
power.
power.
No
No
No
No parallel
parallel
parallel
parallel connection
connection
connection
connection or
or
or
or plug
plug
plug
plug and
and
and
and play.
play.
play.
play.
Microdc
Microdc
Microdc
Microdc Professional
Professional
Professional
Professional Power
Power
Power
Power Module,Inc.
Module,Inc.
Module,Inc.
Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl